Electronic Components Datasheet Search
  English  ▼

X  

DPS1113 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # DPS1113
Description  5V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPS1113 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button DPS1113 Datasheet HTML 8Page - Diodes Incorporated DPS1113 Datasheet HTML 9Page - Diodes Incorporated DPS1113 Datasheet HTML 10Page - Diodes Incorporated DPS1113 Datasheet HTML 11Page - Diodes Incorporated DPS1113 Datasheet HTML 12Page - Diodes Incorporated DPS1113 Datasheet HTML 13Page - Diodes Incorporated DPS1113 Datasheet HTML 14Page - Diodes Incorporated DPS1113 Datasheet HTML 15Page - Diodes Incorporated DPS1113 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DPS1113
Document number: DS39544 Rev. 7 - 2
13 of 16
www.diodes.com
November 2019
© Diodes Incorporated
DPS1113
Application Information (continued)
Discharge Function
To facilitate the various applications envisioned by the system designers, the input or output port can be discharged via two external controls:
DISC1, DISC2. The internal discharge resistor at each port is approximately 10
0Ω. The discharge paths are OFF by default with an internal 1MΩ
pull-down resistor between DISC1 (or DISC2) and GND. The settings are shown in the following table.
DISC1
DISC2
Description
0
0
Discharge function disabled
0
1
OUT port is being discharged until the pin DISC2 is pulled low
1
0
IN port is being discharged until the pin DISC1 is pulled low
1
1
Both IN and OUT ports are discharged simultaneously
Schottky Diode for Protection of Current Surge
When a cable is hot plugged in/out of the USB Type-C connector behind where the OUT port of the DPS1113 is connected, a large ground current
can be seen at the OUT port of the DPS1113. When the far end of a connected cable is short to ground for whatever reason, the OUT port of the
DPS1113 can also detect a large ground current. With the Schottky diode, SBR3U40P1, populated as close as possible to the USB Type-C
connector, no ground current can go through the DPS1113 to cause false operation.
Printed Circuit Board (PCB) Layout Consideration
1.
Place the input/output capacitors CIN and COUT as close as possible to the IN and OUT pins.
2.
The power traces (VIN trace and the VOUT trace), including the power ground, is kept direct, short and wide.
3.
Place the resistors and capacitors (RVLIM, RILIM, RIMON, CIMON, CDV/DT and CVREG) near the device pins.
4.
Connect the signal ground to the GND pin, and keep a single connection from GND pin to the power ground behind the input or output
capacitors.
5.
For better power dissipation, via holes are recommended to connect the expos
ed pad’s landing area to a large copper polygon on the other
side of the printed circuit board. The copper polygons and exposed pad of SRC (common source nodes of internal power MOSFET) must
not be connected to any of the signal and power grounds on the PCB.
GND (Power)
RVLIM
CIN
COUT
RILIM
CDV/DT
CVREG
VOUT
VIN
2
1
3
4
5
6
SRC
16
17
15
14
13
12
IN
IN
IN
EN
FRS
GND
OUT
OUT
OUT
VLIM
ILIM
DV/DT
SRC Copper Ploygon
Not connected to GND
GND (Signal)
RIMON
DOUT
CIMON
Figure 3. Suggested PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com