Electronic Components Datasheet Search
  English  ▼

X  

DPS1113 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DPS1113
Description  5V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPS1113 Datasheet(HTML) 3 Page - Diodes Incorporated

  DPS1113 Datasheet HTML 1Page - Diodes Incorporated DPS1113 Datasheet HTML 2Page - Diodes Incorporated DPS1113 Datasheet HTML 3Page - Diodes Incorporated DPS1113 Datasheet HTML 4Page - Diodes Incorporated DPS1113 Datasheet HTML 5Page - Diodes Incorporated DPS1113 Datasheet HTML 6Page - Diodes Incorporated DPS1113 Datasheet HTML 7Page - Diodes Incorporated DPS1113 Datasheet HTML 8Page - Diodes Incorporated DPS1113 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DPS1113
Document number: DS39544 Rev. 7 - 2
3 of 16
www.diodes.com
November 2019
© Diodes Incorporated
DPS1113
Functional Block Diagram
UVLO, OVP, OCP, RVP, DV/DT
Voltage
& Current
Limiting
Discharge
Control
Driver
EN
FAULTB
Discharge
Control
OUT
IN
Power Switch
& Current Sensing
GND
VLIM
ILIM
DV/DT
OTP
DISC1
DISC2
R
R
Internal
Regulator
VREG
IMON
FRS
1,2,3
6
8
4
5
7
12
14
13
10
9
15,16,17
11
Absolute Maximum Ratings (@ TA = +25°C, unless otherwise specified) (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Voltage Range of Power IN Pin
-0.3 to 7
V
VOUT
Voltage Range of OUT Pin
-0.3 to 30
V
VEN
Voltage Range of EN Pin
-0.3 to 30
V
VI/O
Voltage Range of Other Pins (FRS, VREG, DISC1, DISC2, FAULTB,
IMON, DV/DT, ILIM, VLIM)
-0.3 to 6
V
IOUT
Load Current Range
5
A
TJ
Operating Junction Temperature
-40 to +125
°C
TL
Lead Temperature
+260
°C
TST
Storage Temperature
-65 to +150
°C
ESD
Human Body Model (HBM), JESD22-A114
2
kV
Charge Device Model (CDM)
1
Thermal Characteristics (@ TA = +25°C, unless otherwise specified) (Note 5)
Symbol
Parameter
Rating
Unit
PD
Power Dissipation
1.7
W
RϴJA
Thermal Resistance, Junction-to-Ambient
58.5
°C/W
RϴJC
Thermal Resistance, Junction-to-Case
12.3
°C/W
Notes:
4. These are stress ratings only. Operation outside the absolute maximum ratings can cause device failure. Operation at the absolute maximum rating for
extended periods can reduce device reliability.
5. Device mounted on FR-4 substrate PC board, 2oz copper, with
1” × 1” copper pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com