Electronic Components Datasheet Search
  English  ▼

X  

DPS1113 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DPS1113
Description  5V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPS1113 Datasheet(HTML) 2 Page - Diodes Incorporated

  DPS1113 Datasheet HTML 1Page - Diodes Incorporated DPS1113 Datasheet HTML 2Page - Diodes Incorporated DPS1113 Datasheet HTML 3Page - Diodes Incorporated DPS1113 Datasheet HTML 4Page - Diodes Incorporated DPS1113 Datasheet HTML 5Page - Diodes Incorporated DPS1113 Datasheet HTML 6Page - Diodes Incorporated DPS1113 Datasheet HTML 7Page - Diodes Incorporated DPS1113 Datasheet HTML 8Page - Diodes Incorporated DPS1113 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DPS1113
Document number: DS39544 Rev. 7 - 2
2 of 16
www.diodes.com
November 2019
© Diodes Incorporated
DPS1113
Typical Application Circuit
DPS1113
1
2
3
4
5
6
IN
IN
IN
EN
FRS
GND
17
16
15
14
13
12
OUT
OUT
OUT
VLIM
ILIM
DV/DT
RVLIM
54.9k
Ω
RILIM
30k
Ω
CDV/DT
6.8nF
COUT
10
μF
CIN
10
μF
RPU
10k
Ω
3.3V
OFF
ON
VEN
VFRS
CVREG
0.1
μF
VIN
VOUT
SRC
RIMON
100k
Ω
DOUT
Schottky
Diode
CIMON
100pF
CFLT
0.1
μF
RFRS
*Optional, dependent on system requirement
*
*
Pin Descriptions
Pin Number
Pin Name
Type
Function
1, 2, 3
IN
P
Power Supply and Input Port.
4
EN
I
Enable Input. Active high
. ‘0’ = Device OFF; ‘1’ = Device ON. This pin must not be left floating.
5
FRS
I
Fast Role Swap Control. This pin enables the Fast Role Swap sequence defined in the
USB Power Delivery Specification Release 3.0, V1.0a.
6
GND
GND
Device Ground.
7
VREG
I/O
Voltage Regulator. A 0.1µF is recommended between this pin and GND.
8
DISC1
I
IN Port Discharge Control
. ‘1’ = port voltage to be discharged; ‘0’ = disabled.
9
DISC2
I
OUT Port Discharge Control
. ‘1’ = port voltage to be discharged; ‘0’ = disabled.
10
FAULTB
O
Fault Status Indicator. An external pull-up resistor is required. This active-low pin must be tied to
GND when not used.
11
IMON
O
Current Monitor. A 100pF capacitor and a resistor connected in parallel between this pin and GND
creates a positive average voltage proportional to the current flowing through the device. This pin
can be left floating if current monitoring is not required.
12
DV/DT
I/O
Ramp-up Control. A capacitor between this pin and GND sets the ramp-up rate.
13
ILIM
I/O
Current Limit Setting. A resistor between this pin and GND sets the overcurrent limit of the OUT
port.
14
VLIM
I/O
Voltage Limit Setting. A resistor between this pin and GND sets the overvoltage limit of the IN port.
15, 16, 17
OUT
O
Output Port.
18
(Exposed Pad)
SRC
I/O
Common Source. The exposed pad of the V-QFN4040-17 package must not be connected to any
signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com