Electronic Components Datasheet Search
  English  ▼

X  

CMM2308 Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM2308
Description  800 to 2700 MHz High Dynamic Range Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM2308 Datasheet(HTML) 2 Page - Mimix Broadband

  CMM2308 Datasheet HTML 1Page - Mimix Broadband CMM2308 Datasheet HTML 2Page - Mimix Broadband CMM2308 Datasheet HTML 3Page - Mimix Broadband CMM2308 Datasheet HTML 4Page - Mimix Broadband CMM2308 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM2308
Features
t +17 dBm Output Power
t <2.2 dB Noise Figure
t Low Current: 70 mA, Typ.
t Single +3V to +6V Supply
t DC Blocked >2:1 VSWR
t Low-Cost SOIC-8 Plastic Package
Applications
t Power Amplifier Drivers
t PCS Medium Power Amplifiers
t Medium Power WLANs
t Base Station Receivers
Description
The Celeritek CMM2308 is a high dynamic range,
pin-compatible, second source for the TriQuint® 9132 and the
Mini-Circuits® VNA. Providing comparable gain and lower
noise figure than either of the existing standard amplifiers at
25% less drain current, the CMM2308 is an excellent choice
for power sensitive applications, while delivering more design
margin. Packaged in a low-cost surface mount SOIC-8 pack-
age, the CMM2308 will drop into existing designs and offers
improved features and performance.
Absolute Maximum Ratings
800 to 2700 MHz
High Dynamic Range Amplifier
Parameter
Rating
Parameter
Rating
Parameter
Rating
Drain Voltage (+Vd)
+7 V
Power Dissipation
1.0 W
Operating Temperature
-40°C to +80°C
Drain Current (Id)
150 mA
Thermal Resistance
55°C/W
Channel Temperature
175°C
RF Input Power
15 dBm
Storage Temperature
-65°C to +150°C
Soldering Temperature
260°C for 5 Sec
Recommended Operating Conditions
Parameter
Typ
Units
Parameter
Typ
Units
Drain Voltage (+Vd)
3.0 to 6.0
Volts
Operating Temperature (PC Board)
-40 to +70
°C
Electrical Characteristics
The following specifications are guaranteed at room temperature with drain voltage (+Vd) = 5.0 V ±5% at 2.5 GHz.
Parameter
Condition
Min
Typ
Max
Units
Frequency Range
800
2700
MHz
Small Signal Gain
17.5
19.0
dB
Noise Figure
1.8 to 2.5 GHz
2.2
dB
Power Output @ 1 dB Compression
15.5
17.0
dBm
Output 3rd Order Intercept
27
dBm
Input Return Loss
10
dB
Output Return Loss
10
dB
DC Supply Current
70
80
mA
Supply Voltage
35
6V
Preliminary Product Specifications
August 1996
(1 of 4)
Vd 1
GND 2
RF IN 3
GND 4
8 GND
7 GND
6 RF OUT
5 GND
Functional Block Diagram
TriQuint and Mini-Circuits are trademarks of their respective corporations.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com