Electronic Components Datasheet Search
  English  ▼

X  

CMM2308 Datasheet(PDF) 5 Page - Mimix Broadband

Part # CMM2308
Description  800 to 2700 MHz High Dynamic Range Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM2308 Datasheet(HTML) 5 Page - Mimix Broadband

  CMM2308 Datasheet HTML 1Page - Mimix Broadband CMM2308 Datasheet HTML 2Page - Mimix Broadband CMM2308 Datasheet HTML 3Page - Mimix Broadband CMM2308 Datasheet HTML 4Page - Mimix Broadband CMM2308 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM2308
Preliminary Product Specifications - August 1996
(4 of 4)
Physical Dimensions
Celeritek reserves the right to make changes without further notice to any products herein. Celeritek makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does Celeritek assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different applications. All operating
parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Celeritek does not convey any license under its patent
rights nor the rights of others. Celeritek products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or
other applications intended to support or sustain life, or for any other application in which the failure of the Celeritek product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Celeritek products for any such unintended or unauthorized application, Buyer shall indemnify and hold Celeritek and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Celeritek was negligent
regarding the design or manufacture of the part. Celeritek is a registered trademark of Celeritek, Inc. Celeritek, Inc. is an Equal Opportunity/Affirmative Action Employer.
Ordering Information
The CMM2308 is available in a surface mount SOIC-8 plastic package.
Part Number for Ordering
Package
CMM2308-AJ
SOIC-8 surface mount narrow body plastic package
CMM2308-AJ-000T
SOIC-8 package in tape and reel
Test Configuration and Evaluation
Celeritek tests the CMM2308 on an FR4 PC test
board. FR4 was chosen for its low loss characteristics at fre-
quencies up to 2.5 GHz. Plated through hole connections
from the top of the board to the backside ground plane mini-
mizes inductance in the ground connections. These through
hole connections are as close as possible to each ground pin.
For evaluation purposes Celeritek offers a prototype
evaluation board (PB-CMM2308-AJ) for the CMM2308.
Please call the factory or a local representative for more
information.
Handling Precaution
Microwave devices are sensitive to electrostatic dis-
charge. Proper precautions should be taken to avoid ESD
damage.
Adjacent Channel Power
π/4 DQPSK Modulation, V
d = 4.8 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com