Electronic Components Datasheet Search
  English  ▼

X  

CMM2308 Datasheet(PDF) 4 Page - Mimix Broadband

Part # CMM2308
Description  800 to 2700 MHz High Dynamic Range Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM2308 Datasheet(HTML) 4 Page - Mimix Broadband

  CMM2308 Datasheet HTML 1Page - Mimix Broadband CMM2308 Datasheet HTML 2Page - Mimix Broadband CMM2308 Datasheet HTML 3Page - Mimix Broadband CMM2308 Datasheet HTML 4Page - Mimix Broadband CMM2308 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
Typical Performance (Continued)
CMM2308
Preliminary Product Specifications - August 1996
(3 of 4)
Frequency (MHz)
Noise Figure vs Frequency vs V d @ 25°C
2.00
2.25
2.50
2.75
3.00
3.25
800 900
1500
1800 2000
2500
2400
3V
5V
6V
1.75
Frequency (MHz)
Noise Figure vs Frequency vs Temperature @ 5V
2.00
2.25
2.50
2.75
2.75
3.25
800 900
1500
1800 2000
2500
2400
1.75
+25°C
+70°C
-20°C
Frequency (MHz)
OIP3 vs Frequency vs Temperature @ 5V
15
18
21
24
27
30
800 900
1500
1800 2000
2500
2400
-20°C
0°C
+25°C
+70°C
Frequency (MHz)
OIP3 vs Frequency vs Vd @ 25°C
15
18
21
24
27
30
800 900
1500
1800 2000
2500
2400
3V
5V
6V
Frequency (MHz)
S22 vs Frequency vs Vd
-20
-16
-12
-8
-4
0
500
1000
1500
2000
2500
3000
3V
4V
5V
6V
Frequency (MHz)
S11 vs Frequency vs V d
-20
-16
-12
-8
-4
0
500
1000
1500
2000
2500
3000
3V
4V
5V
6V
Power In (dBm)
Power In vs Power Out & Efficiency
Vd = 4.8 V & Frequency = 1.88 GHz
0
5
10
15
20
25
-20
-14
-8
-2
4
0
6
12
18
24
30
Efficiency
Power Out
Frequency (MHz)
S12 vs Frequency vs Vd
-65
-55
-45
-35
-25
-15
500
1000
1500
2000
2500
3000
3V
4V
5V
6V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com