Electronic Components Datasheet Search
  English  ▼

X  

PI6CG182Q Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI6CG182Q
Description  2-Output PCIe Gen 4 Clock Generator for Automotive Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CG182Q Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI6CG182Q Datasheet HTML 3Page - Diodes Incorporated PI6CG182Q Datasheet HTML 4Page - Diodes Incorporated PI6CG182Q Datasheet HTML 5Page - Diodes Incorporated PI6CG182Q Datasheet HTML 6Page - Diodes Incorporated PI6CG182Q Datasheet HTML 7Page - Diodes Incorporated PI6CG182Q Datasheet HTML 8Page - Diodes Incorporated PI6CG182Q Datasheet HTML 9Page - Diodes Incorporated PI6CG182Q Datasheet HTML 10Page - Diodes Incorporated PI6CG182Q Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
www.diodes.com
February 2020
Diodes Incorporated
PI6CG182Q
Document Number DS41704 Rev 2-2
PI6CG182Q
A product Line of
Diodes Incorporated
LVCMOS AC Characteristics
Temperature = TA; Supply voltages per normal operation conditions; See test circuits for the load conditions
Symbol Parameters
Conditions
Min.
Typ.
Max.
Units
fINPUT
Input Frequency
XTAL_IN/CLK
23
25
27
MHz
tRIN
Input rise time
Single-ended inputs
5
ns
tFIN
Input fall time
Single-ended inputs
5
ns
tSTAB
Clock stabilization
From Power-Up and after input clock stabi-
lization or de-assertion of PD# to 1st clock
0.6
1.8
ms
tOELAT
Output enable latency
Q start after OE# assertion
Q stop after OE# deassertion
1
3
clocks
tPDLAT
PD# de-assertion
Differential outputs enable after PD# de-
assertion
300
us
tPERIOD
REFOUT clock period
REFOUT, assume input is at 25MHz
40
ns
fACC
REFOUT frequency accuracy(1) REFOUT, long term accuracy to input
0
ppm
tSLEW
REFOUT slew rate(1)
Byte 3 = 1F, 20% to 80% of VDDREF
1
2.5
V/ns
Byte 3 = 5F, 20% to 80% of VDDREF
1.6
2.5
V/ns
Byte 3 = 9F, 20% to 80% of VDDREF
2.0
2.5
V/ns
Byte 3 = DF, 20% to 80% of VDDREF
2.1
2.5
V/ns
tDC
REFOUT Duty Cycle(1)
VT = VDD /2 V, driven by a Xtal
45
50
55
%
LVCMOS DC Electrical Characteristics
Temperature = TA; Supply voltages per normal operation conditions; See test circuits for the load conditions
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
VIH
Input High Voltage
Single-ended inputs, except SMBus
0.75
VDD
VDD
+0.3
V
VIM
Input Mid Voltage
SS_SEL_TRI
0.4VDD 0.5VDD 0.6VDD
V
VIL
Input Low Voltage
Single-ended inputs, except SMBus
-0.3
0.25
VDD
V
IIH
Input High Current
Single-ended inputs, VIN = VDD
20
m
A
IIL
Input Low Current
Single-ended inputs, VIN = 0V
-20
m
A
IIH
Input High Current
Single-ended inputs with pull up / pull
down resistor, VIN = VDD
220
m
A
IIL
Input Low Current
Single-ended inputs with pull up / pull
down resistor, VIN = 0V
-220
m
A
VOH
Output High Voltage
REFOUT, except SMBus; IOH = -2mA
VDD
-0.45
V
VOL
Output Low Voltage
REFOUT, except SMBus; IOH = 2mA
0.45
V
ROUT
CMOS Output impedance
20
W
CIN
Input Capacitance
1.5
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com