Electronic Components Datasheet Search
  English  ▼

X  

PI6CG182Q Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PI6CG182Q
Description  2-Output PCIe Gen 4 Clock Generator for Automotive Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CG182Q Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PI6CG182Q Datasheet HTML 8Page - Diodes Incorporated PI6CG182Q Datasheet HTML 9Page - Diodes Incorporated PI6CG182Q Datasheet HTML 10Page - Diodes Incorporated PI6CG182Q Datasheet HTML 11Page - Diodes Incorporated PI6CG182Q Datasheet HTML 12Page - Diodes Incorporated PI6CG182Q Datasheet HTML 13Page - Diodes Incorporated PI6CG182Q Datasheet HTML 14Page - Diodes Incorporated PI6CG182Q Datasheet HTML 15Page - Diodes Incorporated PI6CG182Q Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
www.diodes.com
February 2020
Diodes Incorporated
PI6CG182Q
Document Number DS41704 Rev 2-2
PI6CG182Q
A product Line of
Diodes Incorporated
Byte 2: Differential Output Slew Rate Control Register
Bit
Control Function Description
Type
Power Up
Condition 0
1
7
Reserved
1
6
Reserved
1
5
Reserved
1
4
Reserved
1
3
Reserved
1
2
SLEWRATECTR_Q1
Control slew rate of Q1
RW
1
Slow setting
Fast setting
1
SLEWRATECTR_Q0 Control slew rate of Q0
RW
1
Slow setting
Fast setting
0
Reserved
1
Byte 3: REF Control Register
Bit
Control Function Description
Type
Power Up
Condition 0
1
7
REFSLEWRATE
Slew rate control for REF
RW
0
'00' = 0.9V/ns '01' = 1.3V/ns,
'10' = 1.6V/ns, '11' = 1.8V/ns
6
RW
1
5
REF_PDSTATE
Wake-on-Lan enable for REF
RW
0
REF = 'Low'
REF = running
4
REF_OE
Output enable for REF
RW
1
REF = "Low'
REF = running
3
Reserved
1
2
Reserved
1
1
Reserved
1
0
Reserved
1
Byte 4: Reserved
Bit
Control Function Description
Type
Power Up
Condition 0
1
7:0
Reserved
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com