Electronic Components Datasheet Search
  English  ▼

X  

PI6CG182Q Datasheet(PDF) 17 Page - Diodes Incorporated

Part # PI6CG182Q
Description  2-Output PCIe Gen 4 Clock Generator for Automotive Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CG182Q Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button PI6CG182Q Datasheet HTML 11Page - Diodes Incorporated PI6CG182Q Datasheet HTML 12Page - Diodes Incorporated PI6CG182Q Datasheet HTML 13Page - Diodes Incorporated PI6CG182Q Datasheet HTML 14Page - Diodes Incorporated PI6CG182Q Datasheet HTML 15Page - Diodes Incorporated PI6CG182Q Datasheet HTML 16Page - Diodes Incorporated PI6CG182Q Datasheet HTML 17Page - Diodes Incorporated PI6CG182Q Datasheet HTML 18Page - Diodes Incorporated PI6CG182Q Datasheet HTML 19Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
www.diodes.com
February 2020
Diodes Incorporated
PI6CG182Q
Document Number DS41704 Rev 2-2
PI6CG182Q
A product Line of
Diodes Incorporated
Recommended Crystal Specification
Diodes Recommends:
a) FL2500262Q, SMD 3.2x2.5(4P), 25MHz, CL=8pF, +/-50ppm, https://www.diodes.com/assets/Datasheets/FL.pdf
b) FW2500054Q, SMD 2.0x1.6(4P), 25MHz, CL=8pF, +/-50ppm, https://www.diodes.com/assets/Datasheets/FW.pdf
PI6CG18
2Q2ZDQE
ZYYWWXX
Z: Die Rev
YY: Year
WW: Workweek
1st X: Assembly Code
2nd X: Fab Code
Part Marking
ZDQ Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com