Electronic Components Datasheet Search
  English  ▼

X  

VS8053 Datasheet(PDF) 17 Page - VLSI Solution Oy

Part # VS8053
Description  VS8053b - AUDIO PROCESSOR WITH Ogg Vorbis / FLAC / WAV SUPPORT
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS8053 Datasheet(HTML) 17 Page - VLSI Solution Oy

Back Button VS8053 Datasheet HTML 13Page - VLSI Solution Oy VS8053 Datasheet HTML 14Page - VLSI Solution Oy VS8053 Datasheet HTML 15Page - VLSI Solution Oy VS8053 Datasheet HTML 16Page - VLSI Solution Oy VS8053 Datasheet HTML 17Page - VLSI Solution Oy VS8053 Datasheet HTML 18Page - VLSI Solution Oy VS8053 Datasheet HTML 19Page - VLSI Solution Oy VS8053 Datasheet HTML 20Page - VLSI Solution Oy VS8053 Datasheet HTML 21Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
VS8053b Datasheet
7
SPI BUSES
7.2
Data Request Pin DREQ
The DREQ pin/signal is used to signal if VS8053b’s 2048-byte FIFO is capable of receiving
data. If DREQ is high, VS8053b can take at least 32 bytes of SDI data or one SCI command.
DREQ is turned low when the stream buffer is too full and for the duration of an SCI command.
Because of the 32-byte safety area, the sender may send up to 32 bytes of SDI data at a
time without checking the status of DREQ, making controlling VS8053b easier for low-speed
microcontrollers.
Note: DREQ may turn low or high at any time, even during a byte transmission. Thus, DREQ
should only be used to decide whether to send more bytes. A transmission that has already
started doesn’t need to be aborted.
Note: In VS8053b DREQ also goes down while an SCI operation is in progress.
There are cases when you still want to send SCI commands when DREQ is low. Because
DREQ is shared between SDI and SCI, you can not determine if an SCI command has been
executed if SDI is not ready to receive data. In this case you need a long enough delay after
every SCI command to make certain none of them are missed. The SCI Registers table in
Chapter 9.6 gives the worst-case handling time for each SCI register write.
Note: The status of DREQ can also be read through SCI with the following code. For details on
SCI registers, see Chapter 7.4.
// This example reads status of DREQ pin through the SPI/SCI register
// interface.
#define SCI_WRAMADDR 7
#define SCI_WRAM 6
while (!endOfFile) {
int dreq;
WriteSciReg(SCI_WRAMADDR, 0xC012); // Send address of DREQ register
dreq = ReadSciReg(SCI_WRAM) & 1;
// Read value of DREQ (in bit 0)
if (dreq) {
// DREQ high: send 1-32 bytes audio data
} else {
// DREQ low: wait 5 milliseconds (so that VS10xx doesn't get
// continuous SCI operations)
}
} /* while (!endOfFile) */
Version: 1.31, 2017-11-17
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com