Electronic Components Datasheet Search
  English  ▼

X  

VS8053 Datasheet(PDF) 38 Page - VLSI Solution Oy

Part # VS8053
Description  VS8053b - AUDIO PROCESSOR WITH Ogg Vorbis / FLAC / WAV SUPPORT
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS8053 Datasheet(HTML) 38 Page - VLSI Solution Oy

Back Button VS8053 Datasheet HTML 34Page - VLSI Solution Oy VS8053 Datasheet HTML 35Page - VLSI Solution Oy VS8053 Datasheet HTML 36Page - VLSI Solution Oy VS8053 Datasheet HTML 37Page - VLSI Solution Oy VS8053 Datasheet HTML 38Page - VLSI Solution Oy VS8053 Datasheet HTML 39Page - VLSI Solution Oy VS8053 Datasheet HTML 40Page - VLSI Solution Oy VS8053 Datasheet HTML 41Page - VLSI Solution Oy VS8053 Datasheet HTML 42Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 79 page
background image
VS8053b Datasheet
9
FUNCTIONAL DESCRIPTION
9.6.5
SCI_DECODE_TIME (RW)
When decoding correct data, current decoded time is shown in this register in full seconds.
The user may change the value of this register. In that case the new value should be written
twice to make absolutely certain that the change is not overwritten by the firmware. A write to
SCI_DECODE_TIME also resets the
byteRate calculation.
SCI_DECODE_TIME is reset at every hardware and software reset. It is no longer cleared
when decoding of a file ends to allow the decode time to proceed automatically with looped
files and with seamless playback of multiple files.
With fast playback (see the
playSpeed extra parameter) the decode time also counts faster.
Some codecs (Ogg Vorbis) can also indicate the absolute play position, see the
positionMsec
extra parameter in section 10.10.
9.6.6
SCI_AUDATA (RW)
When decoding correct data, the current samplerate and number of channels can be found
in bits 15:1 and 0 of SCI_AUDATA, respectively. Bits 15:1 contain the samplerate divided by
two, and bit 0 is 0 for mono data and 1 for stereo. Writing to SCI_AUDATA will change the
samplerate directly.
Example: 44100 Hz stereo data reads as 0xAC45 (44101).
Example: 11025 Hz mono data reads as 0x2B10 (11024).
Example: Writing 0xAC80 sets samplerate to 44160 Hz, stereo mode does not change.
To reduce digital power consumption when idle, you can write a low samplerate to SCI_AUDATA.
Note: Ogg Vorbis decoding overrides AUDATA change. If you want to fine-tune samplerate in
streaming applications with Ogg Vorbis, use SCI_CLOCKF to control the playback rate instead
of AUDATA.
9.6.7
SCI_WRAM (RW)
SCI_WRAM is used to upload application programs and data to instruction and data RAMs.
The start address must be initialized by writing to SCI_WRAMADDR prior to the first write/read
of SCI_WRAM. As 16 bits of data can be transferred with one SCI_WRAM write/read, and the
instruction word is 32 bits long, two consecutive writes/reads are needed for each instruction
word. The byte order is big-endian (i.e. most significant words first). After each full-word
write/read, the internal pointer is autoincremented.
Version: 1.31, 2017-11-17
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com