Electronic Components Datasheet Search
  English  ▼

X  

VOT8024AB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VOT8024AB
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOT8024AB Datasheet(HTML) 1 Page - Vishay Siliconix

  VOT8024AB Datasheet HTML 1Page - Vishay Siliconix VOT8024AB Datasheet HTML 2Page - Vishay Siliconix VOT8024AB Datasheet HTML 3Page - Vishay Siliconix VOT8024AB Datasheet HTML 4Page - Vishay Siliconix VOT8024AB Datasheet HTML 5Page - Vishay Siliconix VOT8024AB Datasheet HTML 6Page - Vishay Siliconix VOT8024AB Datasheet HTML 7Page - Vishay Siliconix VOT8024AB Datasheet HTML 8Page - Vishay Siliconix VOT8024AB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VOT8024AB, VOT8024AD, VOT8024AG
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 29-Oct-2018
1
Document Number: 84919
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototriac Output, Zero Crossing,
High dV/dt, Low Input Current
DESIGN SUPPORT TOOLS
DESCRIPTION
The VOT8024AD consists of a GaAs IRLED optically
coupled to a photosensitive zero crossing TRIAC packaged
in a board space saving DIP-4 package.
The VOT8024AD isolates low-voltage logic from 120 VAC,
240 VAC, and 380 VAC lines to control resistive, inductive, or
capacitive loads including motors, solenoids, high current
thyristors or TRIAC and relays.
FEATURES
• Space saving package
• High static dV/dt 1000 V/μs
• High input sensitivity IFT = 5 mA
• 100 mA on-state current
• Zero voltage crossing detector
• 800 V peak off-state blocking voltage
• Isolation rated voltage 5300 VRMS
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Power TRIAC driver in solid-state relays
• 3-phase AC equipment
• Motor control
• Industrial control
• White goods / household equipment
AGENCY APPROVALS
• UL 1577
• cUL
• DIN EN 60747-5-5 (VDE 0884-5), available with option “V”
• CQC
Note
(1) Also available in tubes; do not add T to end
1
2
4
3
MT2
MT1
A
C
(1) Zero crossing circuit
ZCC
(1)
23041
click logo to get started
Available
Models
Available
Design Tools
ORDERING INFORMATION
VOT
8
0
2
4
A
#
-
V
T
#
PART NUMBER
PACKAGE
OPTION
VDE
OPTION
TAPE AND
REEL
AGENCY CERTIFIED/PACKAGE
TRIGGER CURRENT, IFT (mA)
UL, cUL
5
DIP-4
VOT8024AD
DIP-4, 400 mil
VOT8024AG
SMD-4
VOT8024AB-T (1)
SMD-4, 90° orientation
VOT8024AB-T1
SMD-4, 180° orientation
VOT8024AB-T2
SMD-4, 270° orientation
VOT8024AB-T3
VDE, UL, cUL
5
DIP-4
VOT8024AD-V
DIP-4, 400 mil
VOT8024AG-V
SMD-4
VOT8024AB-VT (1)
SMD-4, 90° orientation
VOT8024AB-VT1
SMD-4, 180° orientation
VOT8024AB-VT2
SMD-4, 270° orientation
VOT8024AB-VT3


Similar Part No. - VOT8024AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOT8024AB VISHAY-VOT8024AB Datasheet
212Kb / 12P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8024AB-T VISHAY-VOT8024AB-T Datasheet
212Kb / 12P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8024AB-T1 VISHAY-VOT8024AB-T1 Datasheet
212Kb / 12P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8024AB-T2 VISHAY-VOT8024AB-T2 Datasheet
212Kb / 12P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8024AB-T3 VISHAY-VOT8024AB-T3 Datasheet
212Kb / 12P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
More results

Similar Description - VOT8024AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Apr-04
IL410 VISHAY-IL410_08 Datasheet
156Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
09-Jan-08
VO4154 VISHAY-VO4154 Datasheet
117Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
30-Aug-06
VO4157 VISHAY-VO4157 Datasheet
146Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
14-Feb-12
VOT8026AB VISHAY-VOT8026AB Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8025AB VISHAY-VOT8025AB Datasheet
194Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
11-May-2020
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Oct-2018
VO4154 VISHAY-VO4154_V01 Datasheet
233Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
15-Nov-2021
VO4158 VISHAY-VO4158 Datasheet
165Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
19-Jan-2022
VOT8026AB VISHAY-VOT8026AB_V01 Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com