Electronic Components Datasheet Search
  English  ▼

X  

VOT8024AB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VOT8024AB
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOT8024AB Datasheet(HTML) 3 Page - Vishay Siliconix

  VOT8024AB Datasheet HTML 1Page - Vishay Siliconix VOT8024AB Datasheet HTML 2Page - Vishay Siliconix VOT8024AB Datasheet HTML 3Page - Vishay Siliconix VOT8024AB Datasheet HTML 4Page - Vishay Siliconix VOT8024AB Datasheet HTML 5Page - Vishay Siliconix VOT8024AB Datasheet HTML 6Page - Vishay Siliconix VOT8024AB Datasheet HTML 7Page - Vishay Siliconix VOT8024AB Datasheet HTML 8Page - Vishay Siliconix VOT8024AB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
VOT8024AB, VOT8024AD, VOT8024AG
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 29-Oct-2018
3
Document Number: 84919
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Minimum and maximum values were tested requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements
(1) Static dV/dt
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 20 mA
VF
-1.2
1.4
V
Reverse current
VR = 3 V
IR
-
-
10
μA
OUTPUT
Off-state current
VDRM = 800 V
IDRM
--
1
μA
On-state voltage
IT = 100 mA peak
VTM
--
3
V
Holding current
IH
-
400
-
μA
Zero cross inhibit voltage
IF = rated IFT
VINH
-5
20
V
Critical rate of rise of off-state voltage
dV/dt (1)
1000
-
-
V/μs
Leakage in inhibit state
IF = rated IFT, rated VDRM,
off-state
IDRM2
-
-
500
μA
COUPLER
Trigger current
VTM = 3 V
IFT
--
5
mA
SAFETY AND INSULATION RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
55 / 110 / 21
Comparative tracking index
Insulation group IIIa
CTI
175
Maximum rated withstanding isolation voltage
According to UL1577, t = 1 min
VISO
5300
VRMS
Maximum transient isolation voltage
According to DIN EN 60747-5-5
VIOTM
8000
Vpeak
Maximum repetitive peak isolation voltage
According to DIN EN 60747-5-5, DIP-4, SMD-4
VIORM
890
Vpeak
According to DIN EN 60747-5-5, DIP-4, 400 mil
VIORM
1140
Vpeak
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Output safety power
PSO
600
mW
Input safety current
ISI
400
mA
Input safety temperature
TS
175
°C
Creepage distance
DIP-4, SMD-4
≥ 7mm
Clearance distance
≥ 7mm
Creepage distance
DIP-4, 400 mil
≥ 8mm
Clearance distance
≥ 8mm
Insulation thickness
DTI
≥ 0.4
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com