Electronic Components Datasheet Search
  English  ▼

X  

VOT8024AB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VOT8024AB
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOT8024AB Datasheet(HTML) 2 Page - Vishay Siliconix

  VOT8024AB Datasheet HTML 1Page - Vishay Siliconix VOT8024AB Datasheet HTML 2Page - Vishay Siliconix VOT8024AB Datasheet HTML 3Page - Vishay Siliconix VOT8024AB Datasheet HTML 4Page - Vishay Siliconix VOT8024AB Datasheet HTML 5Page - Vishay Siliconix VOT8024AB Datasheet HTML 6Page - Vishay Siliconix VOT8024AB Datasheet HTML 7Page - Vishay Siliconix VOT8024AB Datasheet HTML 8Page - Vishay Siliconix VOT8024AB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VOT8024AB, VOT8024AD, VOT8024AG
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 29-Oct-2018
2
Document Number: 84919
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
This phototriac should not be used to drive a load directly. It is intended to be a trigger device only
Fig. 1 - Maximum Forward Current vs. Ambient Temperature
Fig. 2 - Maximum On-State Current vs. Ambient Temperature
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
50
mA
Power dissipation
Pdiss
120
mW
Junction temperature
Tj
125
°C
OUTPUT
Peak off-state voltage
VDRM
800
V
Power dissipation
Pdiss
150
mW
On-state current
IT(RMS)
100
mA
Peak repetitive surge current
PW = 1 ms, 120 pps
ITSM
1A
Junction temperature
Tj
125
°C
COUPLER
Storage temperature range
Tstg
-55 to +150
°C
Ambient temperature range
Tamb
-55 to +110
°C
Total power dissipation
Pdiss
250
mW
Soldering temperature
For 10 s
Tsld
260
°C
10
100
1000
10000
0
10
20
30
40
50
60
-60 -40 -20
0
20
40
60
80
100 120
Axis Title
T
amb - Ambient Temperature (°C)
10
100
1000
10000
0
20
40
60
80
100
120
-60 -40 -20
0
20
40
60
80
100 120
Axis Title
T
amb - Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com