Electronic Components Datasheet Search
  English  ▼

X  

CTS480 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CTS480
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS480 Datasheet(HTML) 3 Page - CT Micro International Corporation

  CTS480 Datasheet HTML 1Page - CT Micro International Corporation CTS480 Datasheet HTML 2Page - CT Micro International Corporation CTS480 Datasheet HTML 3Page - CT Micro International Corporation CTS480 Datasheet HTML 4Page - CT Micro International Corporation CTS480 Datasheet HTML 5Page - CT Micro International Corporation CTS480 Datasheet HTML 6Page - CT Micro International Corporation CTS480 Datasheet HTML 7Page - CT Micro International Corporation CTS480 Datasheet HTML 8Page - CT Micro International Corporation CTS480 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.3
ALL RIGHTS RESERVED.
Page 3
Nov, 2022
CTS480
High CMR Intelligent Power Module and Gate Drive
Interface Optocoupler
Absolute Maximum Ratings T
A = 25°C, unless otherwise specified
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at
these or any other conditions in excess of those given in the operational sections of this document. In addition, extended exposure to stresses above
the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameters
Ratings
Units
Notes
VISO
Isolation voltage (AC, 1 minute, 40 ~ 60% R.H.)
5000
VRMS
1
TOPR
Operating temperature
-40 ~ +100
0C
TSTG
Storage temperature
-55 ~ +125
0C
TSOL
Soldering temperature
(For 10 seconds)
260
0C
2
PT
Total Power Dissipation
185
mW
Emitter
IF
Forward current
50
mA
IFP
Peak forward current
(<1 μs pulse width, 300 pps)
1
A
VR
Reverse voltage
5
V
Detector
VO(PEAK)
Peak Output Voltage
35
V
3
IOPH
Output High Peak Current
50
mA
VCC
Supply voltage
35
V
Notes
1.
AC for 1 minute, RH = 40 ~ 60%.
2.
For reflow profile 10 second peak.
3.
The
VO(PEAK) voltage CAN NOT BE high than VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com