Electronic Components Datasheet Search
  English  ▼

X  

CTS480 Datasheet(PDF) 4 Page - CT Micro International Corporation

Part # CTS480
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS480 Datasheet(HTML) 4 Page - CT Micro International Corporation

  CTS480 Datasheet HTML 1Page - CT Micro International Corporation CTS480 Datasheet HTML 2Page - CT Micro International Corporation CTS480 Datasheet HTML 3Page - CT Micro International Corporation CTS480 Datasheet HTML 4Page - CT Micro International Corporation CTS480 Datasheet HTML 5Page - CT Micro International Corporation CTS480 Datasheet HTML 6Page - CT Micro International Corporation CTS480 Datasheet HTML 7Page - CT Micro International Corporation CTS480 Datasheet HTML 8Page - CT Micro International Corporation CTS480 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.3
ALL RIGHTS RESERVED.
Page 4
Nov, 2022
CTS480
High CMR Intelligent Power Module and Gate Drive
Interface Optocoupler
Electrical Characteristics
Over recommended operating conditions TA =
–40 to 100 °C. Typical values are measured at V
CC=30V, VEE= GND, TA = 25
0C (unless
otherwise stated)
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF = 10mA
-
1.4
1.8
V
VR
Reverse Voltage
IR
= 10μA
5.0
-
-
V
ΔVF/ΔTA
Temperature coefficient of forward
voltage
IF =10mA
-
-1.8
-
mV/°C
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
ICCL
Logic Low Supply Current
IF = 0mA, VO= Open
--
1.4
3.0
mA
ICCH
Logic High Supply Current
IF = 10mA, VO= Open
--
1.4
3.0
mA
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VOH
High Level Output Voltage
IF=10mA , IOH= -6.5mA
VCC - 0.5
VCC - 0.1
V
VOL
Low Level Output Voltage
IF=0mA , IOL=6.5mA
-
VEE + 0.1
VEE + 0.5
V
IOSH
High Level Output Current
IF = 5 mA, VCC = 5.5 V
VO=GND
--
--
-80
mA
1
IF = 5 mA , VCC = 20 V
VO=GND
--
--
-120
1
IOSL
Low Level Output Current
IF = 0 mA, VCC = VO =
5.5 V
80
--
--
mA
1
IF = 0 mA, VCC = VO = 20
V
150
--
--
1
IFLH
Input Threshold Current
VO > 1V
--
2.6
5.0
mA
VFLH
Input Threshold Voltage
VO > 1V
0.8
--
--
V
Note 1: Duration of output short circuit time should not exceed 500
μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com