Electronic Components Datasheet Search
  English  ▼

X  

CTS480 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTS480
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS480 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTS480 Datasheet HTML 1Page - CT Micro International Corporation CTS480 Datasheet HTML 2Page - CT Micro International Corporation CTS480 Datasheet HTML 3Page - CT Micro International Corporation CTS480 Datasheet HTML 4Page - CT Micro International Corporation CTS480 Datasheet HTML 5Page - CT Micro International Corporation CTS480 Datasheet HTML 6Page - CT Micro International Corporation CTS480 Datasheet HTML 7Page - CT Micro International Corporation CTS480 Datasheet HTML 8Page - CT Micro International Corporation CTS480 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.3
ALL RIGHTS RESERVED.
Page 1
Nov, 2022
CTS480
High CMR Intelligent Power Module and Gate Drive
Interface Optocoupler
Features
Wide operating temperature range:
–40°C to
100°C
Operating Temperature range: 4.5V to 30V
Threshold Input Current: IFLH = 5 mA (max)
Common mode transient immunity : ±10kV/
μs
(min)
RoHS and REACH Compliance
Halogen Free Compliance
MSL class 1
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC
– GB4943.1, GB8898(14001104999)
IEC62368 (FI/41119)
Description
The CTS480 contains AlGaAs LED and optical detector
with power output stage and Schmitt trigger circuit
application. The totem pole output eliminates the need
for a pull-up resistor and allows for a direct-drive
Intelligent Power Module or gate drive. Propagation
delay difference between devices has been minimized
to maximize inverter efficiency through reduced
switching dead time.
Applications
IPM interface isolation
Isolated IGBT/Power MOSFET gate drive
Industrial Inverter
AC brushless and DC motor driver
Package Outline
Schematic


Similar Part No. - CTS480

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTS452 CTMICRO-CTS452 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
CTS452T1 CTMICRO-CTS452T1 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
CTS452T2 CTMICRO-CTS452T2 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
CTS452VT1 CTMICRO-CTS452VT1 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
CTS452VT2 CTMICRO-CTS452VT2 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
More results

Similar Description - CTS480

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800 AVAGO-ACPL-4800 Datasheet
294Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-W484-000E AVAGO-ACPL-W484-000E Datasheet
237Kb / 12P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480-500E AVAGO-ACPL-P480-500E Datasheet
403Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-4800-000E AVAGO-ACPL-4800-000E Datasheet
233Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Broadcom Corporation.
ACPL-M483 BOARDCOM-ACPL-M483 Datasheet
676Kb / 13P
Inverted Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-M484 BOARDCOM-ACPL-M484 Datasheet
787Kb / 13P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P456 BOARDCOM-ACPL-P456 Datasheet
464Kb / 14P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480 BOARDCOM-ACPL-P480 Datasheet
641Kb / 11P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACNU-4803 BOARDCOM-ACNU-4803 Datasheet
1Mb / 11P
Inverted Logic High CMR Intelligent Power Module (IPM) and Gate Drive Interface Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com