Electronic Components Datasheet Search
  English  ▼

X  

LPV531MK Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPV531MK
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV531MK Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LPV531MK Datasheet HTML 1Page - National Semiconductor (TI) LPV531MK Datasheet HTML 2Page - National Semiconductor (TI) LPV531MK Datasheet HTML 3Page - National Semiconductor (TI) LPV531MK Datasheet HTML 4Page - National Semiconductor (TI) LPV531MK Datasheet HTML 5Page - National Semiconductor (TI) LPV531MK Datasheet HTML 6Page - National Semiconductor (TI) LPV531MK Datasheet HTML 7Page - National Semiconductor (TI) LPV531MK Datasheet HTML 8Page - National Semiconductor (TI) LPV531MK Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Power Select Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM =VO =V
+/2, R
L = 100 k
Ω. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
t
LF
Time from Low Power Mode
to Full Power Mode
210
ns
t
FL
Time from Full Power Mode to
Low Power Mode
500
ns
V
REXT
Voltage @ I
SEL Pin
I
SEL Pin Left Open
100
110
125
mV
R
INT
9
11
14.5
k
Ω
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics Tables.
Note 2: Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 200 pF.
Note 3: Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Slew rate is the slower of the rising or falling slew rates.
Note 8: Offset voltage average drift is determined by dividing the change in VOS at temperature extremes into the total temperature change.
Note 9: Guaranteed by design.
Connection Diagram
6-Pin TSOT23
20132316
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
6-Pin TSOT23
LPV531MK
AV2A
1k Units Tape and Reel
MK06A
LPV531MKX
3k Units Tape and Reel
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com