Electronic Components Datasheet Search
  English  ▼

X  

LPV531MK Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPV531MK
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV531MK Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LPV531MK Datasheet HTML 2Page - National Semiconductor (TI) LPV531MK Datasheet HTML 3Page - National Semiconductor (TI) LPV531MK Datasheet HTML 4Page - National Semiconductor (TI) LPV531MK Datasheet HTML 5Page - National Semiconductor (TI) LPV531MK Datasheet HTML 6Page - National Semiconductor (TI) LPV531MK Datasheet HTML 7Page - National Semiconductor (TI) LPV531MK Datasheet HTML 8Page - National Semiconductor (TI) LPV531MK Datasheet HTML 9Page - National Semiconductor (TI) LPV531MK Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Typical Performance Characteristics Unless otherwise specified, V+ = 5V, T
J = 25˚C. For Full
Power Mode the I
SEL pin is connected to V
−; for Mid-Power Mode the I
SEL pin is connected to V
− through a 100 k
Ω resistor;
for Low Power Mode the I
SEL pin is connected to V
− througha1M
Ω resistor.
Supply Current vs. I
SEL
Supply Current vs. I
SEL
20132319
20132342
Supply Current vs. Supply Voltage
(Full Power Mode)
Supply Current vs. Supply Voltage
(Mid Power Mode)
20132324
20132317
Supply Current vs. Supply Voltage
(Low Power Mode)
Gain and Phase vs. Frequency
(Full Power Mode)
20132318
20132330
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com