Electronic Components Datasheet Search
  English  ▼

X  

LPV531MK Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPV531MK
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV531MK Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LPV531MK Datasheet HTML 3Page - National Semiconductor (TI) LPV531MK Datasheet HTML 4Page - National Semiconductor (TI) LPV531MK Datasheet HTML 5Page - National Semiconductor (TI) LPV531MK Datasheet HTML 6Page - National Semiconductor (TI) LPV531MK Datasheet HTML 7Page - National Semiconductor (TI) LPV531MK Datasheet HTML 8Page - National Semiconductor (TI) LPV531MK Datasheet HTML 9Page - National Semiconductor (TI) LPV531MK Datasheet HTML 10Page - National Semiconductor (TI) LPV531MK Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Typical Performance Characteristics Unless otherwise specified, V+ = 5V, T
J = 25˚C. For Full Power
Mode the I
SEL pin is connected to V
−; for Mid-Power Mode the I
SEL pin is connected to V
− through a 100 k
Ω resistor; for Low
Power Mode the I
SEL pin is connected to V
− througha1M
Ω resistor. (Continued)
Gain and Phase vs. Frequency
(Mid Power Mode)
Gain and Phase vs. Frequency
(Low Power Mode)
20132331
20132329
Input Offset Voltage vs. Common Mode Voltage
(Full Power Mode)
Input Offset Voltage vs. Common Mode Voltage
(Mid Power Mode)
20132360
20132359
Input Offset Voltage vs. Common Mode Voltage
(Low Power Mode)
CMRR vs. Frequency
20132358
20132362
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com