Electronic Components Datasheet Search
  English  ▼

X  

MAX25239 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX25239
Description  Automotive 2V to 36V, 6A Buck-Boost Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX25239 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX25239 Datasheet HTML 9Page - Analog Devices MAX25239 Datasheet HTML 10Page - Analog Devices MAX25239 Datasheet HTML 11Page - Analog Devices MAX25239 Datasheet HTML 12Page - Analog Devices MAX25239 Datasheet HTML 13Page - Analog Devices MAX25239 Datasheet HTML 14Page - Analog Devices MAX25239 Datasheet HTML 15Page - Analog Devices MAX25239 Datasheet HTML 16Page - Analog Devices MAX25239 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Pin Description (continued)
PIN
NAME
FUNCTION
16
FB
Feedback Input. Connect FB to a resistor-divider between OUT and AGND to set the desired
output voltage in the range of 3V to 20V. Connect FB to VCC for the fixed output voltage option.
17
COMP
Error Amplifier Output. Connect an RC compensation network between COMP and AGND to
stabilize the control loop.
18
SPS
Spread-Spectrum (SPS) Function Enable Input. Connect SPS high to enable SPS function and low
to disable SPS function.
19
SYNC
External Clock Synchronization and Skip/PWM Mode Control Input. Connect SYNC to AGND to
enable skip mode. Connect SYNC to VCC to enable PWM mode. Connect SYNC to a valid
external clock to synchronize the buck-boost converter switching frequency to external clock.
20
PGOOD
Open-Drain Power-Good Indicator. Pull up PGOOD with an external resistor to VCC or a positive
voltage lower than 5.5V to correctly indicate the OUT voltage status. PGOOD asserts low when the
OUT voltage falls below 93% (typ) of its regulation voltage. PGOOD becomes high impedance
when the OUT voltage rises above 94% (typ) of its regulation voltage. PGOOD is also in low during
soft-start and in shutdown.
21
VCC
Internal 1.8V Regulator Output. Bypass VCC to ground with a minimum 4.7μF ceramic capacitor.
22
AGND
Analog Ground. Connect AGND, PGND1, and PGND2 together at a single point in a star-ground
connection.
MAX25239/MAX25240
Automotive 2V to 36V, 6A Buck-Boost Converters
www.analog.com
Analog Devices | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com