Electronic Components Datasheet Search
  English  ▼

X  

MAX25239 Datasheet(PDF) 21 Page - Analog Devices

Part # MAX25239
Description  Automotive 2V to 36V, 6A Buck-Boost Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX25239 Datasheet(HTML) 21 Page - Analog Devices

Back Button MAX25239 Datasheet HTML 16Page - Analog Devices MAX25239 Datasheet HTML 17Page - Analog Devices MAX25239 Datasheet HTML 18Page - Analog Devices MAX25239 Datasheet HTML 19Page - Analog Devices MAX25239 Datasheet HTML 20Page - Analog Devices MAX25239 Datasheet HTML 21Page - Analog Devices MAX25239 Datasheet HTML 22Page - Analog Devices MAX25239 Datasheet HTML 23Page - Analog Devices MAX25239 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
as possible to the BST1 and BST2 pins.
6. Isolate the power components and high-current path from the sensitive analog circuitry in the compensation and
feedback loops. This is essential to prevent noise coupling into the analog signals.
7. Keep the high-current paths short, especially at the ground terminals. This practice is essential for stable, jitter-free
operation. The high-current path (composed of an input capacitor, high-side FET, inductor, and output capacitor)
should be as short as possible.
8. Keep the power traces and load connections short and wide. This practice is essential for high efficiency. Use thick
copper PCBs (2oz vs. 1oz) to enhance full-load efficiency and thermal dissipation.
9. The analog signal lines should be routed away from the high-frequency planes. This ensures the integrity of sensitive
signals feeding back into the device.
10. Place compensation components as close to the COMP pin as possible.
Typical Application Circuits
L
MAX25239
MAX25239
LX1
LX2
VOUT
COUT
VBAT
CIN
VCC
COMP
RC
CC
SYNC
AGND
BST1
OUT
CBST1
SUP
PGND2
PGND1
CBST2
BST2
FB
CF
SPS
EN
PGOOD
2 x 4.7µF
CVCC
4.7µF
4x22µF
2.2µH
0.1µF
0.1µF
Figure 3. 2.1MHz Application Circuit: ILIM = 8.2A, VOUT = 5V
MAX25239/MAX25240
Automotive 2V to 36V, 6A Buck-Boost Converters
www.analog.com
Analog Devices | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com