Electronic Components Datasheet Search
  English  ▼

X  

MAX25239 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX25239
Description  Automotive 2V to 36V, 6A Buck-Boost Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX25239 Datasheet(HTML) 2 Page - Analog Devices

  MAX25239 Datasheet HTML 1Page - Analog Devices MAX25239 Datasheet HTML 2Page - Analog Devices MAX25239 Datasheet HTML 3Page - Analog Devices MAX25239 Datasheet HTML 4Page - Analog Devices MAX25239 Datasheet HTML 5Page - Analog Devices MAX25239 Datasheet HTML 6Page - Analog Devices MAX25239 Datasheet HTML 7Page - Analog Devices MAX25239 Datasheet HTML 8Page - Analog Devices MAX25239 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Simplified Block Diagram
1.8V VCC
REGULATOR
CONTROL
LOGIC
SUP
BST1
LX1
PGND1
PWM
COMP
SUP
EN
PGOOD
LOGIC
FEEDBACK-
SELECT
LOGIC
SUPPLY
SWITCHOVER
FB
OUT
AGND
SOFT-START
EAMP
COMP
PLL/
OSCILLATOR
SPREAD-
SPECTRUM
ON/OFF
fSYNC-
SELECT
LOGIC
FPWM/SKIP MODE
EXTERNAL
CLOCK
CLK
SLOPE COMP
∑
ILIM
COMP
SYNC*
SPS
PGOOD
MAX25239
MAX25240
VCC
BST2
LX2
PGND2
OUT
HS1
DRIVER
LS1
DRIVER
HS2
DRIVER
LS2
DRIVER
OTP
n
PRE-
REGULATOR
BANDGAP
AND
REFERENCES
VBG
IN
EN
COMP
POK
SHDN
POK
THSD
BK_CS
POK
ICSLIM
ICSLIM
ICS
SHDN
DH1
DH2
DL2
DL1
THSD
VTH_REF
OVP
COMP
VFB
UVLO VIN
UVLO VCC
VIN_UVLO
VTH_REF
VOVP_TH
ICS
VIN_UVLO
VVCC_UVLO
VCC_UVLO
VCC
VCC
VCC
OUT
VCCS
BST_CS
IZX
IZX
COMP
IZX
BST1_REFRESH
BST2_REFRESH
BST1_REFRESH
SYNCOUT
BST2_REFRESH
* SYNC CAN BE PROGRAMMED TO SYNCOUT. CONTACT ANALOG DEVICES FOR OPTIONS.
HS1
LS1
HS2
LS2
MAX25239/MAX25240
Automotive 2V to 36V, 6A Buck-Boost Converters
www.analog.com
Analog Devices | 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com