Electronic Components Datasheet Search
  English  ▼

X  

SHT4XI Datasheet(PDF) 1 Page - Sensirion AG Switzerland

Part # SHT4XI
Description  4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative Humidity and Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4XI Datasheet(HTML) 1 Page - Sensirion AG Switzerland

  SHT4XI Datasheet HTML 1Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 2Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 3Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 4Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 5Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 6Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 7Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 8Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.sensirion.com / D1
Version 1
– November 2021
1/15
SHT4xI-Digital
4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative
Humidity and Temperature Sensor
Features
• Relative humidity accuracy: up to ±2 %RH
• Temperature accuracy: up to ±0.2 °C
• Supply voltage: 2.3 V … 5.5 V
• Average current: 21 µA (at meas. rate 1 Hz)
• I2C fast mode plus, CRC checksum
• Operating range: 0…100 %RH, -40…125 °C
• Fully functional in condensing environment
• Variable power heater
• NIST traceability
• Mature technology from global market leader
• JEDEC JESD47 qualification, high ESD protec.
• Patented protection options
General Description
SHT4xI-Digital is an industrial-grade digital sensor platform for measuring relative humidity and
temperature with different accuracy classes. It meets demanding ESD and robustness
requirements of industrial applications. The sensors can be interfaced via several preconfigured
I2C addresses. An integrated heater allows for advanced on-board-diagnostics while the sensor
element is designed for harsh conditions such as condensing environments. The four-pin dual-
flat-no-leads package is suitable for surface mount technology (SMT) processing. Patented
protection options such as ePTFE membranes and polyimide foils can be pre-ordered.
Device Overview
Full product list on page 14
Products
Details
SHT40I-AD1B
base RH&T accur., 0x44 I2C addr.
SHT41I-AD1B
improved RH&T accur. 0x44 I2C addr.
Functional Block Diagram


Similar Part No. - SHT4XI

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SHT4XI-DIGITAL SENSIRION-SHT4XI-DIGITAL Datasheet
864Kb / 19P
4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative Humidity and Temperature Sensor
Version 2 - November 2022
More results

Similar Description - SHT4XI

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
List of Unclassifed Man...
HTS2030SMD ETC2-HTS2030SMD Datasheet
214Kb / 5P
Temperature and Relative Humidity Sensor
logo
Humirel
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Sensirion AG Switzerlan...
SHT4X SENSIRION-SHT4X Datasheet
781Kb / 18P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 3 - April 2022
SHT4XA SENSIRION-SHT4XA Datasheet
832Kb / 18P
4th Generation, High-Accuracy, 16-bit, Automotive-Grade Relative Humidity and Temperature Sensor
Version 2 - July 2022
STS4X SENSIRION-STS4X Datasheet
537Kb / 14P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Temperature Sensor Platform
Version 1.1 - July 2022
SHT4XI-DIGITAL SENSIRION-SHT4XI-DIGITAL Datasheet
864Kb / 19P
4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative Humidity and Temperature Sensor
Version 2 - November 2022
SHT4X SENSIRION-SHT4X_V01 Datasheet
1Mb / 16P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor Platform
Version 1 - October 2020
SHT4X SENSIRION-SHT4X_V02 Datasheet
850Kb / 22P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 4 - November 2022
SHT33-DIS SENSIRION-SHT33-DIS Datasheet
853Kb / 26P
3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
Version 1 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com