Electronic Components Datasheet Search
  English  ▼

X  

SHT4XI Datasheet(PDF) 13 Page - Sensirion AG Switzerland

Part # SHT4XI
Description  4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative Humidity and Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4XI Datasheet(HTML) 13 Page - Sensirion AG Switzerland

Back Button SHT4XI Datasheet HTML 7Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 8Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 9Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 10Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 11Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 12Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 13Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 14Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 15Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.sensirion.com / D1
Version 1
– November 2021
13/15
5.5 Thermal Information
Symbol
Description
Heater off, die
pad soldered
(K/W)
Heater on, die
pad soldered
(K/W)
Heater off, die pad
not soldered
(K/W)
Heater on, die pad
not soldered
(K/W)
����������������
Junction-to-ambient
thermal resistance
246
308
297
357
����������������
Junction-to-case
thermal resistance
189
255
191
257
����������������
Junction-to-board
thermal resistance
159
225
193
258
��������
Junction-to-board
characterization param.
159
223
191
254
��������
Junction-to-top
characterization param.
38
105
44
112
Table 8 Typical
values for thermal metrics. In the “heater on” columns a heater power of 200 mW was
assumed. Soldering of the die pad is not recommended, therefore the two right hand side columns are bold.
Values are based on simulation.
6 Quality and Material Contents
Qualification of SHT4xI-Digital is performed based on the JEDEC JESD47 qualification test
method. Qualification pending. The device is fully RoHS and WEEE compliant, e.g. free of Pb,
Cd, and Hg.
For general remarks of best practice in processing humidity sensor please refer to (Sensirion,
Handling Instructions for Humidity Sensors, 2020).
7 Tape and Reel Packaging
All specifications for the tape and reel packaging can be found on Figure 10. Reel diameters are
13 inch and 8 inch for the 10k and the 2.5k packaging sizes, respectively.
Figure 10: Tape and reel specifications including sensor orientation in pocket (see indication of two sensors
on the right side of the tape).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com