Electronic Components Datasheet Search
  English  ▼

X  

SHT4XI Datasheet(PDF) 10 Page - Sensirion AG Switzerland

Part # SHT4XI
Description  4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative Humidity and Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4XI Datasheet(HTML) 10 Page - Sensirion AG Switzerland

Back Button SHT4XI Datasheet HTML 6Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 7Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 8Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 9Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 10Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 11Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 12Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 13Page - Sensirion AG Switzerland SHT4XI Datasheet HTML 14Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.sensirion.com / D1
Version 1
– November 2021
10/15
4.7 Serial number
Every sensor has a unique serial number, that is assigned by Sensirion during production. It is
stored in the one-time-programmable memory and cannot be manipulated after production. The
serial number is accessible via I2C and is transmitted as two 16-bit words, each followed by an 8-
bit CRC.
4.8 Reset
A reset of the sensor can be achieved in three ways:
• Soft reset: send the reset command described in Table 7.
• I2C general call: all devices on I2C bus are reset by sending the command 0x06 to the I2C
address 0x00.
• Power down (incl. pulling SCL and SDA low)
4.9 Heater Operation
The sensor incorporates an integrated on-chip heater which can be switched on by the set of
commands given in Table 7. There are three different heating powers and two different heating
times accessible to the user. After reception of a heater-on command, the sensor executes the
following procedure:
1. The heater is enabled, and the timer starts its count-down
2. On timer expiration a temperature and humidity measurement with the highest repeatability
is started, the heater remains enabled
3. After the measurement is finished the heater is turned off
4. Temperature and humidity values are now available
The maximum on-time of the heater commands is 1 second to prevent overheating of the sensor
by unintended usage of the heater. Thus, there is no dedicated command to turn off the heater.
For extended heating periods it is required to send periodic heater-on commands, keeping in mind
that the heater is designed for a maximal duty cycle of less than 10%. To obtain a fast increase in
temperature the idle time between consecutive heating pulses shall be kept minimal.
Possible Heater Use Cases
There will be dedicated Sensirion application notes elaborating on various use cases of the
heater. In general, the applications of the on-chip heater range around:
1. Removal of condensed / spray water on the sensor surface. Although condensed water is
not a reliability / quality problem to the sensor, it will however make the sensor non-
responsive to RH changes in the air as long as there is liquid water on the surface.
2. Creep-free operation in high humid environments. Periodic heating pulses allow for creep-
free high-humidity measurements for extended times.
Important notes for operating the heater:
1. The heater is designed for a maximum duty cycle of 10%, meaning the total heater-on-
time should not be longer than 10% of
the sensor’s lifetime.
2. During operation of the heater, sensor specifications are not valid.
3. The temperature sensor can additionally be affected by the thermally induced mechanical
stress, offsetting the temperature reading from the actual temperature.
4. The
sensor’s temperature (base temperature + temperature increase from heater) must
not exceed Tmax = 125 °C to have proper electrical functionality of the chip.
5. The heater draws a large amount of current once enabled (up to ~50mA in the highest
power setting). Although a dedicated circuitry draws this current smoothly, the power
supply must be strong enough to avoid large voltage drops that could provoke a sensor
reset.
6. If higher heating temperatures are desired, consecutive heating commands must be sent
to the sensor. To keep times between consecutive heating pulses minimal, polling of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com