Electronic Components Datasheet Search
  English  ▼

X  

STB25NF06AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB25NF06AG
Description  Automotive-grade N-channel 60 V, 0.056 Ω typ., 19 A STripFET™ II Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB25NF06AG Datasheet(HTML) 1 Page - STMicroelectronics

  STB25NF06AG Datasheet HTML 1Page - STMicroelectronics STB25NF06AG Datasheet HTML 2Page - STMicroelectronics STB25NF06AG Datasheet HTML 3Page - STMicroelectronics STB25NF06AG Datasheet HTML 4Page - STMicroelectronics STB25NF06AG Datasheet HTML 5Page - STMicroelectronics STB25NF06AG Datasheet HTML 6Page - STMicroelectronics STB25NF06AG Datasheet HTML 7Page - STMicroelectronics STB25NF06AG Datasheet HTML 8Page - STMicroelectronics STB25NF06AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
May 2016
DocID029340 Rev 1
1/15
This is information on a product in full production.
www.st.com
STB25NF06AG
Automotive-grade N-channel 60 V, 0.056
Ω typ., 19 A
STripFET™ II Power MOSFET in a D²PAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STB25NF06AG
60 V
0.070
Ω
19 A
50 W
Designed for automotive applications and
AEC-Q101 qualified
100% avalanche tested
Application-oriented characterization
Applications
Switching applications
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET™ process
is specifically designed to minimize input
capacitance and gate charge. It is therefore ideal
as a primary switch in advanced high-efficiency
isolated DC-DC converters for Telecom and
Computer applications. It is also suitable for any
application with low gate charge drive
requirements.
Table 1: Device summary
Order code
Marking
Package
Packing
STB25NF06AG
25NF06
D²PAK
Tape and reel
1
3
TAB
D²PAK
2


Similar Part No. - STB25NF06AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB25NF06LAG STMICROELECTRONICS-STB25NF06LAG Datasheet
859Kb / 15P
Automotive-grade N-channel 60 V, 53 mΩ typ., 20 A STripFET™ II Power MOSFET in a D²PAK package
24-Nov-2016
More results

Similar Description - STB25NF06AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30N6LF6AG STMICROELECTRONICS-STD30N6LF6AG Datasheet
447Kb / 15P
Automotive-grade N-channel 60 V, 19 mΩ typ., 24 A STripFET™F6 Power MOSFET in a DPAK package
30-Jun-2015
STD30NF06LAG STMICROELECTRONICS-STD30NF06LAG Datasheet
721Kb / 15P
Automotive-grade N-channel 60 V, 0.022 Ω typ., 35 A STripFET™ II Power MOSFET in a DPAK package
14-Feb-2017
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STB30N80K5 STMICROELECTRONICS-STB30N80K5 Datasheet
940Kb / 16P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
06-Jul-2016
STB25NF06LAG STMICROELECTRONICS-STB25NF06LAG Datasheet
859Kb / 15P
Automotive-grade N-channel 60 V, 53 mΩ typ., 20 A STripFET™ II Power MOSFET in a D²PAK package
24-Nov-2016
STD20NF06LAG STMICROELECTRONICS-STD20NF06LAG Datasheet
605Kb / 15P
Automotive-grade N-channel 60 V, 32 mΩ typ., 24 A, STripFET II Power MOSFET in a DPAK package
01-Oct-2019
STI10NM60N STMICROELECTRONICS-STI10NM60N Datasheet
702Kb / 12P
N-channel 600 V, 0.53 Ω typ.,10 A MDmesh™ II Power MOSFET in I²PAK package
02-Dec-2015
STD35NF06L STMICROELECTRONICS-STD35NF06L_V01 Datasheet
650Kb / 14P
N-channel 60 V, 0.014 Ω, 35 A STripFET™ II Power MOSFET in a DPAK package
19-Apr-2012
STB36NM60N STMICROELECTRONICS-STB36NM60N_V01 Datasheet
1Mb / 15P
Automotive-grade N-channel 600 V, 0.093 Ω, 29 A, MDmesh™ II Power MOSFET in a D²PAK package
09-Jun-2015
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4_V01 Datasheet
555Kb / 19P
N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
09-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com