Electronic Components Datasheet Search
  English  ▼

X  

STB25NF06AG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB25NF06AG
Description  Automotive-grade N-channel 60 V, 0.056 Ω typ., 19 A STripFET™ II Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB25NF06AG Datasheet(HTML) 4 Page - STMicroelectronics

  STB25NF06AG Datasheet HTML 1Page - STMicroelectronics STB25NF06AG Datasheet HTML 2Page - STMicroelectronics STB25NF06AG Datasheet HTML 3Page - STMicroelectronics STB25NF06AG Datasheet HTML 4Page - STMicroelectronics STB25NF06AG Datasheet HTML 5Page - STMicroelectronics STB25NF06AG Datasheet HTML 6Page - STMicroelectronics STB25NF06AG Datasheet HTML 7Page - STMicroelectronics STB25NF06AG Datasheet HTML 8Page - STMicroelectronics STB25NF06AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STB25NF06AG
4/15
DocID029340 Rev 1
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
VGS = 0 V, ID = 250 µA
60
V
IDSS
Zero gate voltage
drain current
VGS = 0 V, VDS = 60 V
1
µA
VGS = 0 V, VDS = 60 V,
Tcase = 125 °C(1)
10
IGSS
Gate-body leakage
current
VDS = 0 V, VGS = ±20 V
±100
µA
VGS(th)
Gate threshold
voltage
VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 10 A
0.056
0.070
Ω
Notes:
(1)Defined by design, not subject to production test
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz, VGS = 0 V
-
387
-
pF
Coss
Output capacitance
-
103
-
Crss
Reverse transfer
capacitance
-
43
-
Qg
Total gate charge
VDD = 30 V, ID = 19 A, VGS = 10 V
(see Figure 14: "Test circuit for gate
charge behavior")
-
14.1
-
nC
Qgs
Gate-source
charge
-
2.8
-
Qgd
Gate-drain charge
-
5.4
-
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 30 V, ID = 10 A RG = 4.7
Ω,
VGS = 10 V (see Figure 13: "Test
circuit for resistive load switching
times" and Figure 18: "Switching
time waveform")
-
8
-
ns
tr
Rise time
-
27
-
td(off)
Turn-off delay time
-
28
-
tf
Fall time
-
15
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com