Electronic Components Datasheet Search
  English  ▼

X  

STB25NF06AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB25NF06AG
Description  Automotive-grade N-channel 60 V, 0.056 Ω typ., 19 A STripFET™ II Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB25NF06AG Datasheet(HTML) 3 Page - STMicroelectronics

  STB25NF06AG Datasheet HTML 1Page - STMicroelectronics STB25NF06AG Datasheet HTML 2Page - STMicroelectronics STB25NF06AG Datasheet HTML 3Page - STMicroelectronics STB25NF06AG Datasheet HTML 4Page - STMicroelectronics STB25NF06AG Datasheet HTML 5Page - STMicroelectronics STB25NF06AG Datasheet HTML 6Page - STMicroelectronics STB25NF06AG Datasheet HTML 7Page - STMicroelectronics STB25NF06AG Datasheet HTML 8Page - STMicroelectronics STB25NF06AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STB25NF06AG
Electrical ratings
DocID029340 Rev 1
3/15
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
±20
V
ID
Drain current (continuous) at Tcase = 25 °C
19
A
Drain current (continuous) at Tcase = 100 °C
13
IDM(1)
Drain current (pulsed)
76
A
PTOT
Total dissipation at Tcase = 25 °C
50
W
IAV
Non-repetitive avalanche current
10
A
EAS
Single pulse avalanche energy
220
mJ
Tstg
Storage temperature range
-55 to 175
°C
Tj
Operating junction temperature range
Notes:
(1) Pulse width is limited by safe operating area.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max.
3.00
°C/W
Rthj-pcb(1)
Thermal resistance junction-pcb max.
35
Notes:
(1)When mounted on 1 inch², 2oz Cu, FR-4 board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com