Electronic Components Datasheet Search
  English  ▼

X  

PI6C100 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C100
Description  Precision Clock Synthesizer for Desktop PC’s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C100 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C100 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
198
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8142A 10/13/98
PI6C100
Precision Clock Synthesizer
for Desktop PC’s
REF0
1
REF1
2
VSSREF 3
XTAL_IN
4
XTAL_OUT
5
VSSPCI0
6
PCICLK_F
7
PCICLK1
8
VDDPCI0
9
PCICLK2
10
PCICLK3
11
VSSPCI1 12
PCICLK4
13
PCICLK5
14
VDDPCI1 15
PCICLK6
16
PCICLK7
17
VSSPCI2 18
VDDCORE0
19
VSSCORE0
20
VDD48MHz 21
48MHz
22
48MHz
23
VSS48MHz 24
VDDREF
REF2
VDDAPIC
APIC0
APIC1
VSSAPIC
NC
VDDCPU0
CPUCLK0
48
CPUCLK1
47
VSSCPU0
46
VDDCPU1
45
CPUCLK2
44
CPUCLK3
43
VSSCPU1
42
VDDCORE1
41
VSSCORE1
40
PCISTOP#
39
CPUSTOP#
38
PWRDWN#
37
SPREAD#
36
SEL0
35
SEL1
34
SEL100/66#
33
32
31
30
29
28
27
26
25
PinConfiguration
Block Diagram
Features
• Four copies of CPU clock with VDD of 2.5V + 5%
• 100 MHz or 66 MHz operation
• Eight copies of PCI clock, (synchronous with CPU clock) 3.3V
• Two copies of IO APIC clock @14.31818 MHz
• Two copies of 48 MHz clock
• ThreecopiesofRef.clock@14.31818MHz(3.3VTTL)
• Low cost 14.31818 MHz crystal oscillator input
• Spread spectrum modulation of CPU and PCI clocks for
reduced EMI
• Power management control
• Isolated core VDD, VSS pins for noise reduction
• 48-pinSSOPpackage(V48)
Description
The PI6C100 is a high-speed low-noise clock generator designed to
work with the PI6C180 clock buffer to meet all clock needs for Intel
Architecture platforms. CPU and chipset clock frequencies of 66.6
MHz and 100 MHz are supported.
Split supplies of 3.3V and 2.5V are used. The 3.3V power supply
powers a portion of the I/O and the core. The 2.5V is used to power
the remaining outputs. 2.5V signaling follows JEDEC standard
8-X.Powersequencingofthe3.3Vand2.5Vsuppliesisnotrequired.
An asynchronous PWRDWN# signal may be used to orderly power
down (or up) the system.
48-Pin
V48
PCICLK[1:7]
CPUCLK[0:3]
REF[0:2]
VDDREF
VDDAPIC
3
APIC0,1
REF
OSC
VDDCPU 0,1
CPUSTOP#
4
7
VDDPCI 0,1
PCICLK_F
PCISTOP#
÷2
PLL1
VDD48MHz
2 48MHz
PLL2
SEL0,1
SPREAD#
XTAL_OUT
XTAL_IN
*KBBAHI
2
SEL100/66#


Similar Part No. - PI6C100

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C102H PERICOM-PI6C102H Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
PI6C103-XXL PERICOM-PI6C103-XXL Datasheet
568Kb / 12P
Precision Clock Synthesizer
PI6C103H PERICOM-PI6C103H Datasheet
568Kb / 12P
Precision Clock Synthesizer
More results

Similar Description - PI6C100

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
Integrated Device Techn...
IDTCV104B IDT-IDTCV104B Datasheet
95Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Pericom Semiconductor C...
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
logo
Integrated Device Techn...
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
Spread Spectrum Clock Synthesizer for Desktop Pentium II
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
Precision Clock Synthesizer for Mobile PCs
logo
Renesas Technology Corp
IDTCV105E RENESAS-IDTCV105E Datasheet
277Kb / 22P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
IDTCV119E RENESAS-IDTCV119E Datasheet
277Kb / 22P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com