Electronic Components Datasheet Search
  English  ▼

X  

PI6C100 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI6C100
Description  Precision Clock Synthesizer for Desktop PC’s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C100 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI6C100 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
208
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8142A 10/13/98
PI6C100
Precision Clock Synthesizer
for Desktop PC’s
k
c
o
l
Cd
a
o
L
.
n
i
Md
a
o
L
.
x
a
Ms
ti
n
Us
e
t
o
N
)
K
L
C
H
(
s
k
c
o
l
C
U
P
C0
10
2
F
p
s
d
a
o
l
2
el
b
i
s
s
o
p
,
d
a
o
l
e
ci
v
e
d
1
)
K
L
C
P
(
s
k
c
o
l
C
I
C
P0
30
3st
n
e
m
e
ri
u
q
e
r
1
.
2
I
C
P
st
e
e
M
k
c
o
l
C
z
H
M
8
40
10
2d
a
o
l
e
ci
v
e
d
1
F
E
R0
10
2d
a
o
l
e
ci
v
e
d
1
C
I
P
A0
10
2s
d
a
o
l
e
ci
v
e
d
2
Minimum and Maximum Expected Capacitive Loads
Notes:
1. Maximum rise/fall times are guaranteed at maximum specified load for each type of output buffer.
2. Minimum rise/fall times are guaranteed at minimum specified load for each type of output buffer.
3. Rise/fall times are specified with pure capacitive load as shown. Testing is done with an
additional 500W resistor in parallel.
Design Guidelines to Reduce EMI
1. Place series resistors and CI capacitors as close as possible to the respective clock pins. Typical value for
CI is 10pF. Series resistor value can be increased to reduce EMI provided that the rise and fall time are still
within the specified values.
2. Minimize the number of “vias” of the clock traces.
3. Route clock traces over a continuous ground plane or over a continuous power plane. Avoid routing clock
traces from plane to plane (refer to rule #2).
4. Position clock signals away from signals that go to any cables or any external connectors.
CPUCLK
PCICLK
REF
APIC
48MHZ
33Ω
33Ω
22Ω/33Ω
33Ω
22Ω
4
8
3
2
2
CL
CL
CL
CL
CL
21$+
1 Device load
Meets PCI2.1 Req.
1 Device load
2 Device loads
1 Device load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com