Electronic Components Datasheet Search
  English  ▼

X  

PI6C100 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C100
Description  Precision Clock Synthesizer for Desktop PC’s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C100 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C100 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C100 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
200
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8142A 10/13/98
PI6C100
Precision Clock Synthesizer
for Desktop PC’s
Select Functions
Note:
TCLK is a test clock over driven on the XTAL_IN input during test mode.
n
o
it
c
n
u
F
n
o
it
p
i
r
c
s
e
D
s
t
u
p
t
u
O
U
P
CF
I
C
P
,I
C
Pz
H
M
8
4]
2
:
0
[
F
E
RC
I
P
A
O
I
Z
-i
HZ
-i
HZ
-i
HZ
-i
HZ
-i
HZ
-i
H
e
d
o
M
t
s
e
T2
/
K
L
C
T6
/
K
L
C
T2
/
K
L
C
TK
L
C
TK
L
C
T
ClockEnableConfiguration
#
6
6
/
0
0
1
L
E
S1
L
E
S0
L
E
Sn
o
it
c
n
u
F
00
0
Z
-i
H
00
1
d
e
v
r
e
s
e
R
01
0
d
e
v
r
e
s
e
R
01
1
e
v
it
c
a
z
H
M
6
6
10
0
e
d
o
m
t
s
e
T
10
1
d
e
v
r
e
s
e
R
11
0
d
e
v
r
e
s
e
R
11
1
e
v
it
c
a
z
H
M
0
0
1
#
P
O
T
S
_
U
P
C#
P
O
T
S
_
I
C
P#
N
W
D
_
R
W
PK
L
C
U
P
CK
L
C
I
C
P
r
e
h
t
O
s
k
c
o
l
C
l
a
t
s
y
r
Cs'
O
C
V
XX
0
w
o
lw
o
ld
e
p
p
o
t
Sff
off
o
00
1
w
o
lw
o
lg
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
01
1
w
o
lz
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
10
1
6
6
/
0
0
1
z
H
M
w
o
lg
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
11
1
6
6
/
0
0
1
z
H
M
z
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com