Electronic Components Datasheet Search
  English  ▼

X  

DS3908 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS3908
Description  Dual, 64-Position Nonvolatile Digital Potentiometer with Buffered Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3908 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS3908 Datasheet HTML 3Page - Maxim Integrated Products DS3908 Datasheet HTML 4Page - Maxim Integrated Products DS3908 Datasheet HTML 5Page - Maxim Integrated Products DS3908 Datasheet HTML 6Page - Maxim Integrated Products DS3908 Datasheet HTML 7Page - Maxim Integrated Products DS3908 Datasheet HTML 8Page - Maxim Integrated Products DS3908 Datasheet HTML 9Page - Maxim Integrated Products DS3908 Datasheet HTML 10Page - Maxim Integrated Products DS3908 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Dual, 64-Position Nonvolatile Digital
Potentiometer with Buffered Outputs
8
_____________________________________________________________________
Writes to this register are similar to writes to the poten-
tiometer register. A stop condition must follow the write
to ensure that the EEPROM is modified. A repeated
start condition before a stop condition following a write
operation will prevent the settings from being stored in
EEPROM. (See the I2C Communication section for
more details.)
Write Protection
The write-protect pin has an internal pullup resistor. To
adjust the potentiometers’ position, this pin must be
grounded. This pin can be left floating or connected to
VCC to write protect the EEPROM memory. All registers
can be read when the device is write protected.
When writing to the DS3908, the potentiometer will
adjust to the new setting once it has acknowledged the
new data that is being written, and the EEPROM (used
to make the setting nonvolatile) will be written following
the stop condition at the end of the write command. To
change the setting without changing the EEPROM, ter-
minate the write with a repeated start condition before
the next stop condition occurs. Using a repeated start
condition prevents the 20ms (maximum) delay required
for the EEPROM write cycle to finish.
Programmable Amplifier Control
The gain of both DS3908 amplifiers is controlled by
writing to register address FBh. The most significant
nibble of the FBh address controls the PGA1 gain, and
the least significant nibble controls the PGA0 gain. The
format of each nibble is shown in the tables below:
Table 2. Programmable Amplifier Register
REGISTER FORMAT (BINARY)
ADDRESS
PGA1
PGA0
R*
G12
G11
G10
R*
G02
G01
G00
FBh
bit7
bit0
Default value = 11h.
*Reserved for future use, write to zeros.
Table 3. Programmable Amplifier Gain Codes
Gx2Gx1Gx0
AMPLIFIER GAIN (V/V)
00X
1
01X
2
1XX
4
X = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com