Electronic Components Datasheet Search
  English  ▼

X  

DS3908 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS3908
Description  Dual, 64-Position Nonvolatile Digital Potentiometer with Buffered Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3908 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS3908 Datasheet HTML 1Page - Maxim Integrated Products DS3908 Datasheet HTML 2Page - Maxim Integrated Products DS3908 Datasheet HTML 3Page - Maxim Integrated Products DS3908 Datasheet HTML 4Page - Maxim Integrated Products DS3908 Datasheet HTML 5Page - Maxim Integrated Products DS3908 Datasheet HTML 6Page - Maxim Integrated Products DS3908 Datasheet HTML 7Page - Maxim Integrated Products DS3908 Datasheet HTML 8Page - Maxim Integrated Products DS3908 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Dual, 64-Position Nonvolatile Digital
Potentiometer with Buffered Outputs
4
_____________________________________________________________________
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = +3.0V to +5.5V.)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
EEPROM Write Cycles
At +70°C
50,000
Note 1:
All voltages are referenced to ground.
Note 2:
ISTBY specified assuming control pins are connected as follows: WP must be disconnected or connected high. H terminal
connected to VCC, L terminal connected to GND, potentiometer position 1Dh, PGA is at 2V/V, A0 to A2 connected to VCC,
SDA and SCL connected to VCC, with no load.
Note 3:
Absolute linearity is used to measure expected wiper voltage as determined by wiper position in a voltage-divider
configuration.
Note 4:
This specification only refers to the potentiometers, and does not include the gain and offset error due to the PGA.
Note 5:
Relative linearity is used to determine the change of wiper voltage between two adjacent wiper positions in a voltage-
divider configuration.
Note 6:
I2C interface timing shown is for fast-mode (400kHz) operation. This device is also backward-compatible with I2C stan-
dard-mode timing.
Note 7:
CB—total capacitance of one bus line in picofarads, timing referenced to 0.9 x VCC and 0.1 x VCC.
Note 8:
EEPROM write begins after a stop condition occurs.
0
0.6
0.4
0.2
0.8
1.0
1.2
1.4
1.6
1.8
2.0
3.0
4.0
3.5
4.5
5.0
5.5
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC
Hx = VCC, Lx = GND
A0 TO A2 = VCC
SDA, SCL = VCC
POT AT 1Dh
GAIN = 2V/V
NO LOAD
+85
°C +25°C
-40
°C
0
0.6
0.4
0.2
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
10
-15
35
60
85
STANDBY SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
3.3V
5.5V
4.0V
1
10,000
1,000,000
STANDBY SUPPLY CURRENT
vs. SCL FREQUENCY
SCL FREQUENCY (Hz)
100
1.16400
1.15000
1.15200
1.15400
1.15600
1.15800
1.16200
1.16000
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
1.30000
1.10000
1.50000
1.40000
1.60000
1.70000
1.80000
1.90000
1.00000
0
10
20
30405060
OUTPUT VOLTAGE vs. POT SETTING
POT SETTING (DEC)
GAIN = 1V/V
Hx = 1V
Lx = 0.3V
0.001
0.01
0.1
1
10
100
VOL vs. IOUT:SINK
1
0.1
0.01
0.001
10
IOUT:SINK (mA)
+85
°C +25°C
-40
°C
0.001
0.01
0.1
1
10
100
VCC - VOH vs. IOUT:SOURCE
1
0.1
0.01
0.001
10
IOUT:SOURCE (mA)
+85
°C +25°C
-40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com