Electronic Components Datasheet Search
  English  ▼

X  

DS3908 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3908
Description  Dual, 64-Position Nonvolatile Digital Potentiometer with Buffered Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3908 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3908 Datasheet HTML 1Page - Maxim Integrated Products DS3908 Datasheet HTML 2Page - Maxim Integrated Products DS3908 Datasheet HTML 3Page - Maxim Integrated Products DS3908 Datasheet HTML 4Page - Maxim Integrated Products DS3908 Datasheet HTML 5Page - Maxim Integrated Products DS3908 Datasheet HTML 6Page - Maxim Integrated Products DS3908 Datasheet HTML 7Page - Maxim Integrated Products DS3908 Datasheet HTML 8Page - Maxim Integrated Products DS3908 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The DS3908 contains two nonvolatile digital poten-
tiometers with programmable-gain amplifiers buffering
the wiper outputs. The potentiometer position and
amplifier gain are controlled through an I2C*-compati-
ble serial bus. The DS3908 operates in both 3.3V and
5V systems and features a write-protect pin that locks
the position of the potentiometers and gain registers. Up
to eight DS3908s can be placed on a single I2C bus.
Applications
Pin-Diode Biasing
Power-Supply Calibration
Cell Phones and PDAs
Portable Electronics
Features
o Two 64-Position Linear Taper Potentiometers
o Integral Wiper Buffering Amplifiers with
Selectable Gains of 1V/V, 2V/V, or 4V/V
o 100kΩ Potentiometer End-to-End Resistance
o Low Potentiometer Temperature Coefficient
o Nonvolatile Wiper and Gain Storage
o I2C-Compatible Interface
o Write-Protect Pin Prevents Accidental Field
Reprogramming
o 3V to 5.5V Supply Voltage Range
o -40°C to +85°C Operating Temperature Range
o 14-Pin TDFN Package
Dual, 64-Position Nonvolatile Digital
Potentiometer with Buffered Outputs
______________________________________________ Maxim Integrated Products
1
TDFN (3mm x 3mm)
TOP VIEW
2
4
5
13
11
10
H1
L1
H0
SCL
A1
A2
1
14
VCC
SDA
3
12
V1
A0
6
9
V0
WP
7
8
L0
GND
DS3908
Pin Configuration
POT0
H0
V0
L0
H1
V1
L1
I2C
INTERFACE
SDA
SCL
A0
A1
A2
WP
VOLTAGE
REFERENCE
NV ADJUSTABLE
REFERENCE
VOLTAGE
NV ADJUSTABLE
REFERENCE
VOLTAGE
VCC
DS3908
PGA0
POT1
PGA1
Typical Operating Circuit
Rev 0; 4/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
+Denotes lead-free package.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
DS3908N+
-40°C to +85°C
14 TDFN
I2C is a trademark of Philips Corp. Purchase of I2C components from Maxim Integrated Products, Inc., or one of its sublicensed
Associated Companies, conveys a license under the Philips I2C Patent Rights to use these components in an I2C system, provided
that the system conforms to the I2C Standard Specification as defined by Philips.


Similar Part No. - DS3908

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
Serial Communications Module For Evaluation Kits
2004
logo
Dallas Semiconductor
DS3900EVKIT DALLAS-DS3900EVKIT Datasheet
876Kb / 15P
Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900EVKIT MAXIM-DS3900EVKIT Datasheet
894Kb / 15P
Serial Communications Module For Evaluation Kits
2004
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
More results

Similar Description - DS3908

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5258 AD-AD5258 Datasheet
1Mb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
3/05-Revision 0
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com