Electronic Components Datasheet Search
  English  ▼

X  

LT1950 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1950
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950 Datasheet(HTML) 2 Page - Linear Technology

  LT1950 Datasheet HTML 1Page - Linear Technology LT1950 Datasheet HTML 2Page - Linear Technology LT1950 Datasheet HTML 3Page - Linear Technology LT1950 Datasheet HTML 4Page - Linear Technology LT1950 Datasheet HTML 5Page - Linear Technology LT1950 Datasheet HTML 6Page - Linear Technology LT1950 Datasheet HTML 7Page - Linear Technology LT1950 Datasheet HTML 8Page - Linear Technology LT1950 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1950
2
sn1950 1950fs
ORDER PART
NUMBER
GN PART MARKING
TJMAX = 125°C, θJA = 110°C/W,
θJC (PIN 8) = 30°C/W
1950E
1950I
LT1950EGN
LT1950IGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COMP = open, FB = 1.4V, ROSC = 249k, SYNC = 0V, SLOPE = open, VREF
= 0.1
µF, SHDN = VIN, BLANK = 0V, ISENSE = 0V, VIN2 = 15V, GATE = 1nF, BOOST = open, VIN = 15V, VSEC = 0V, unless otherwise
specified.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
COMP
FB
ROSC
SYNC
SLOPE
VREF
SHDN
GND
VSEC
VIN
BOOST
PGND
GATE
VIN2
ISENSE
BLANK
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PWM Controller
Operating Input Voltage
IVREF = 0µA
q
3.0
25
V
Minimum Start-Up Voltage
IVREF = 0µA
q
2.6
3.0
V
VIN Quiescent Current
IVREF = 0µA, FB = 1V, ISENSE = 0.2V
2.3
3.0
mA
VIN Shutdown Current
SHDN = 0V
5
20
µA
Shutdown Threshold
3V < VIN < 25V
q
1.261
1.32
1.379
V
Shutdown Pin Current
SHDN = 70mV Above Threshold
–7
–10
–13
µA
Shutdown Pin Current Hysteresis
SHDN = 100mV Below Threshold
4
7
10
µA
VIN2 Quiescent Current
I(VREF) = 0µA, FB = 1V, ISENSE = 0.2V
1.7
2.5
mA
VIN2 Shutdown Current
SHDN = 0V, VIN2 = 2.7V (Boost Diode from VIN = 3V)
500
700
µA
VREF (External Output)
Output Voltage
IVREF = 0µA
q
2.425
2.500
2.575
V
Line Regulation
IVREF = 0µA, 3V < VIN < 25V
1
5
mV
Load Regulation
0
µA < IVREF < 2.5mA
1
5
mV
Oscillator
Frequency: fOSC
ROSC = 249k, FB = 1V
q
170
200
230
kHz
Minimum Programmable fOSC
ROSC = 499k
85
100
115
kHz
Maximum Programmable fOSC
ROSC = 90.9k
440
500
560
kHz
SYNC Input Resistance
20
k
Ω
SYNC Switching Threshold
1.5
2.2
V
SYNC Frequency/fOSC
(ROSC = 249k, fOSC =200kHz), FB = 1V (Note 7)
1.25
1.5
fOSC Line Reg
3V < VIN < 25V
0.05
0.15
%/V
9.5V < VIN2 < 25V
0.05
0.25
%/V
VROSC
1V
BOOST ....................................................... –0.3V to 35V
VIN, VIN2, SHDN ......................................... –0.3V to 25V
FB, SYNC, VSEC ........................................... –0.3V to 6V
COMP, BLANK .......................................... –0.3V to 3.5V
SLOPE ...................................................... –0.3V to 2.5V
ISENSE ......................................................... –0.3V to 1V
ROSC .................................................................... –50µA
VREF .................................................................... –10mA
Operating Junction Temperature Range
LT1950EGN/LT1950IGN (Notes 2, 5) ... – 40
°C to 125°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com