Electronic Components Datasheet Search
  English  ▼

X  

LT1950 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1950
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950 Datasheet(HTML) 4 Page - Linear Technology

  LT1950 Datasheet HTML 1Page - Linear Technology LT1950 Datasheet HTML 2Page - Linear Technology LT1950 Datasheet HTML 3Page - Linear Technology LT1950 Datasheet HTML 4Page - Linear Technology LT1950 Datasheet HTML 5Page - Linear Technology LT1950 Datasheet HTML 6Page - Linear Technology LT1950 Datasheet HTML 7Page - Linear Technology LT1950 Datasheet HTML 8Page - Linear Technology LT1950 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1950
4
sn1950 1950fs
TEMPERATURE (
°C)
–50
1.26
1.25
1.24
1.23
1.22
1.21
1.20
25
75
1950 G01
–25
0
50
100
125
TEMPERATURE (
°C)
–50
1950 • G02
0
50
100
240
230
220
210
200
190
180
170
160
–25
25
75
125
TEMPERATURE (
°C)
–50
1950 • G03
0
50
100
16
14
12
10
8
6
4
2
0
–25
25
75
125
SHDN = 0V
TEMPERATURE (
°C)
–50
1950 • G04
0
50
100
1.45
1.40
1.35
1.30
1.25
1.20
–25
25
75
125
TEMPERATURE (
°C)
–50
125
120
115
110
105
100
95
90
85
80
75
0
50
75
1950 G05
–25
25
100
125
270
250
230
210
190
170
150
130
110
90
TEMPERATURE (
°C)
–50
0
50
75
1950 G06
–25
25
100
125
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Duty Cycle Clamp
VSEC = 1.4V, FB = 1V, COMP = VOH
63
75
87
%
VSEC Input Bias Current
0V < VSEC < 2.8V
–0.3
–1.0
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1950EGN is guaranteed to meet performance specifications
from 0
°C to 125°C operating junction temperature. Specifications over the
–40
°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LT1950IGN is guaranteed over the full –40
°C to 125°C operating
junction temperature range.
Note 3: Rise and Fall times are between 10% and 90% levels.
FB Voltage vs Temperature
Switching Frequency vs
Temperature
VIN Shutdown IQ vs Temperature
Shutdown Threshold vs
Temperature
Maximum ISENSE Threshold vs
Temperature
ISENSE Pin Current vs
Temperature
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
Note 4: Guaranteed by correlation to static test.
Note 5: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 6: Guaranteed but not tested.
Note 7: Maximum recommended SYNC frequency = 500kHz.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COMP = open, FB = 1.4V, ROSC = 249k, SYNC = 0V, SLOPE = open, VREF
= 0.1
µF, SHDN = VIN, BLANK = 0V, ISENSE = 0V, VIN2 = 15V, GATE = 1nF, BOOST = open, VIN = 15V, VSEC = 0V, unless otherwise
specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com