Electronic Components Datasheet Search
  English  ▼

X  

LT1950 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1950
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950 Datasheet(HTML) 3 Page - Linear Technology

  LT1950 Datasheet HTML 1Page - Linear Technology LT1950 Datasheet HTML 2Page - Linear Technology LT1950 Datasheet HTML 3Page - Linear Technology LT1950 Datasheet HTML 4Page - Linear Technology LT1950 Datasheet HTML 5Page - Linear Technology LT1950 Datasheet HTML 6Page - Linear Technology LT1950 Datasheet HTML 7Page - Linear Technology LT1950 Datasheet HTML 8Page - Linear Technology LT1950 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1950
3
sn1950 1950fs
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COMP = open, FB = 1.4V, ROSC = 249k, SYNC = 0V, SLOPE = open, VREF
= 0.1
µF, SHDN = VIN, BLANK = 0V, ISENSE = 0V, VIN2 = 15V, GATE = 1nF, BOOST = open, VIN = 15V, VSEC = 0V, unless otherwise
specified.
Error Amplifier
FB Reference Voltage
3V < VIN < 25V, VOL + 0.2V < COMP < VOH – 0.2
q
1.205
1.230
1.254
V
FB Input Bias Current
FB = FB Reference Voltage
–75
–200
nA
Open Loop Voltage Gain
VOL + 0.2V < COMP < VOH – 0.2
65
85
dB
Unity Gain Bandwidth
(Note 6)
3
MHz
COMP Source Current
FB = 1V, COMP = 1.6V
q
–0.3
–1.1
–1.8
mA
COMP Sink Current
FB = 1.4V, COMP = 1.6V
8
13
mA
COMP High Level: VOH
FB = 1V, ICOMP = – 250µA
2.5
V
COMP Active Threshold
Start of GATE Switching (Duty Cycle > 0%)
1.0
V
COMP Low Level: VOL
FB = 1.4V, ICOMP = 250µA
0.15
V
Current Sense
ISENSE Maximum Threshold
Duty Cycle < 10%, COMP = VOH
90
100
110
mV
ISENSE Input Bias Current
COMP = 2.5V, ISENSE = ISENSE Max Threshold
–125
–170
–250
µA
Default Blanking Time
FB = 1V, COMP = 2V, ISENSE = 75mV
110
ns
Adjustable Blanking Time
FB = 1V, COMP = 2V, ISENSE = 75mV
290
ns
BLANK = 75k to Ground
Blanking Override Voltage–
BLANK = Open, COMP = 2.5V (Note 4)
15
25
40
mV
ISENSE Maximum Threshold
Turn-Off Delay to Gate
COMP = 2V
60
ns
Slope Compensation (Note 4)
ISENSE Max Threshold (DC < 10%) – (DC = 80%) (Note 4)
Default, RSLOPE = ∞
14
mV
2x Default, RSLOPE = 8k
28
mV
3x Default, RSLOPE = 3.3k
42
mV
Internal Switcher
Boost Switch ILIMIT
VIN2 = 8V, 3V < VIN < 10V
70
125
180
mA
Boost Switch Off Time
VIN2 = 8V, 3V < VIN < 10V
250
500
1000
ns
VIN2: Boost Disable
3V < VIN < 10V
q
9.5
11.0
11.75
V
VIN2: Boost Disable Hysteresis
3V < VIN < 10V
–1.0
V
VIN2: Gate Enable
3V < VIN < 10V, FB = 1V (Note 4)
q
7.0
8.2
9.27
V
VIN2: Gate Enable Hysteresis
3V < VIN < 10V, FB = 1V (Note 4)
–0.6
V
GATE Driver Output
GATE Rise Time
FB = 1V, VIN2 = 12V, CL = 1nF (Notes 3, 6)
50
ns
GATE Fall Time
FB = 1V, VIN2 = 12V, CL = 1nF (Notes 3, 6)
30
ns
GATE Clamp Voltage
IGATE = 0µA, COMP = 2.5V, FB = 6V
11.5
13
14.5
V
GATE Low Level
IGATE = 20mA
0.25
0.4
V
IGATE = 200mA
1.2
1.75
V
GATE High Level
IGATE = –20mA, VIN2 = 12V, COMP = 2.5V, FB = 6V
10
V
IGATE = –200mA, VIN2 = 12V, COMP = 2.5V, FB = 6V
9.75
V
Maximum Duty Cycle
FB = 1V, fOSC = 200kHz
90
95
97
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com