Electronic Components Datasheet Search
  English  ▼

X  

MAC97A8 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MAC97A8
Description  Logic level triac
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAC97A8 Datasheet(HTML) 4 Page - NXP Semiconductors

  MAC97A8 Datasheet HTML 1Page - NXP Semiconductors MAC97A8 Datasheet HTML 2Page - NXP Semiconductors MAC97A8 Datasheet HTML 3Page - NXP Semiconductors MAC97A8 Datasheet HTML 4Page - NXP Semiconductors MAC97A8 Datasheet HTML 5Page - NXP Semiconductors MAC97A8 Datasheet HTML 6Page - NXP Semiconductors MAC97A8 Datasheet HTML 7Page - NXP Semiconductors MAC97A8 Datasheet HTML 8Page - NXP Semiconductors MAC97A8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
MAC97A8; MAC97A6
Logic level triac
Product specification
Rev. 01 — 29 March 2001
4 of 12
9397 750 07917
© Philips Electronics N.V. 2001. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IGT
gate trigger current
VD = 12 V; IT = 0.1 A; Figure 8
T2+ G+
−
15mA
T2+ G
−−
25mA
T2
− G−−
25mA
T2
− G+
−
47mA
IL
latching current
VD = 12 V; IGT = 0.1 A; Figure 9
T2+ G+
−
110
mA
T2+ G
−−
510
mA
T2
− G−−
110
mA
T2
− G+
−
210
mA
IH
holding current
VD = 12 V; IGT = 0.1 A; Figure 10
−
110
mA
VT
on-state voltage
IT = 0.85 A; Figure 11
−
1.4
1.9
V
VGT
gate trigger voltage
VD = 12 V; IT = 0.1 A; Figure 7
−
0.9
2
V
VD =VDRM; IT = 0.1 A; Tj = 110 °C
0.1
0.7
−
V
ID
off-state leakage current
VD =VDRM (max); Tj = 110 °C
−
3
100
µA
Dynamic characteristics
dVD/dt
critical rate of rise of
off-state voltage
VD = 67% of VDM(max);
Tcase = 110 °C; exponential
waveform; gate open circuit;
Figure 12
30
45
−
V/
µs
dVcom/dt
critical rate of rise of
commutation voltage
VD = rated VDRM;Tcase =50 °C;
ITM = 0.84 A;
commutating dI/dt = 0.3 A/ms
−
5
−
V/
µs
tgt
gate controlled turn-on
time
ITM = 1.0 A; VD =VDRM(max);
IG = 25 mA; dIG/dt=5A/µs
−
2
−µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com