Electronic Components Datasheet Search
  English  ▼

X  

MAC97A8 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MAC97A8
Description  Logic level triac
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAC97A8 Datasheet(HTML) 3 Page - NXP Semiconductors

  MAC97A8 Datasheet HTML 1Page - NXP Semiconductors MAC97A8 Datasheet HTML 2Page - NXP Semiconductors MAC97A8 Datasheet HTML 3Page - NXP Semiconductors MAC97A8 Datasheet HTML 4Page - NXP Semiconductors MAC97A8 Datasheet HTML 5Page - NXP Semiconductors MAC97A8 Datasheet HTML 6Page - NXP Semiconductors MAC97A8 Datasheet HTML 7Page - NXP Semiconductors MAC97A8 Datasheet HTML 8Page - NXP Semiconductors MAC97A8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
MAC97A8; MAC97A6
Logic level triac
Product specification
Rev. 01 — 29 March 2001
3 of 12
9397 750 07917
© Philips Electronics N.V. 2001. All rights reserved.
7.
Thermal characteristics
7.1 Transient thermal impedance
Table 4:
Thermal characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth(j-lead)
thermal resistance from junction to lead
full cycle
60
K/W
half cycle
80
K/W
Rth(j-a)
thermal resistance from junction to ambient
mounted on a printed circuit board;
lead length = 4 mm; Figure 1
150
K/W
.
Fig 1.
Transient thermal impedance from junction to ambient as a function of pulse
duration.
tp (s)
10
10-2
10-4
10-5
10-3
10-1
1
Zth(j-a)
(K/W)
103
102
10
1
tp
P
t
003aaa029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com