Electronic Components Datasheet Search
  English  ▼

X  

MAC97A8 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MAC97A8
Description  Logic level triac
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAC97A8 Datasheet(HTML) 2 Page - NXP Semiconductors

  MAC97A8 Datasheet HTML 1Page - NXP Semiconductors MAC97A8 Datasheet HTML 2Page - NXP Semiconductors MAC97A8 Datasheet HTML 3Page - NXP Semiconductors MAC97A8 Datasheet HTML 4Page - NXP Semiconductors MAC97A8 Datasheet HTML 5Page - NXP Semiconductors MAC97A8 Datasheet HTML 6Page - NXP Semiconductors MAC97A8 Datasheet HTML 7Page - NXP Semiconductors MAC97A8 Datasheet HTML 8Page - NXP Semiconductors MAC97A8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
MAC97A8; MAC97A6
Logic level triac
Product specification
Rev. 01 — 29 March 2001
2 of 12
9397 750 07917
© Philips Electronics N.V. 2001. All rights reserved.
5.
Quick reference data
6.
Limiting values
Table 2:
Quick reference data
Symbol Parameter
Conditions
Typ
Max
Unit
VDRM
repetitive peak off-state voltage
MAC97A8
MAC97A6
Tj =25to125 °C
−
600
V
Tj =25to125 °C
−
400
V
IT(RMS)
on-state current (RMS value)
full sine wave; Tlead ≤ 50 °C; Figure 5
−
0.6
A
ITSM
non-repetitive peak on-state current
−
8.0
A
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
MAC97A8
MAC97A6
Tj =25to125 °C
−
600
V
Tj =25to125 °C
−
400
V
IT(RMS)
on-state current (RMS value)
full sine wave; Tlead ≤ 50 °C; Figure 5
−
0.6
A
ITSM
non-repetitive peak on-state current
full sine wave; Tj =25 °C prior to surge
t=20ms
−
8.0
A
t = 16.7 ms
−
8.8
A
I2tI2t for fusing
t
= 10 ms
−
0.32
A2s
dIT/dt
repetitive rate of rise of on-state
current after triggering
ITM = 1.0 A; IG = 0.2 A; dIG/dt = 0.2 A/µs
T2+ G+
−
50
A/
µs
T2+ G
−−
50
A/
µs
T2
− G−−
50
A/
µs
T2
− G+
−
10
A/
µs
IGM
gate current (peak value)
t = 2
µs max
−
1A
VGM
gate voltage (peak value)
t = 2
µs max
5
V
PGM
gate power (peak value)
t = 2
µs max
−
5W
PG(AV)
average gate power
Tcase =80 °C; t = 2 µs max
−
0.1
W
Tstg
storage temperature
−40
+150
°C
Tj
operating junction temperature
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com