Electronic Components Datasheet Search
  English  ▼

X  

MAX9322 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9322
Description  LVECL/LVPECL 1:15 Differential Divide-by-1/Divide-by-2 Clock Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9322 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9322 Datasheet HTML 1Page - Maxim Integrated Products MAX9322 Datasheet HTML 2Page - Maxim Integrated Products MAX9322 Datasheet HTML 3Page - Maxim Integrated Products MAX9322 Datasheet HTML 4Page - Maxim Integrated Products MAX9322 Datasheet HTML 5Page - Maxim Integrated Products MAX9322 Datasheet HTML 6Page - Maxim Integrated Products MAX9322 Datasheet HTML 7Page - Maxim Integrated Products MAX9322 Datasheet HTML 8Page - Maxim Integrated Products MAX9322 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LVECL/LVPECL 1:15 Differential
Divide-by-1/Divide-by-2 Clock Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to VEE.............................................................................4.1V
Inputs and Outputs to VEE..........................-0.3V to (VCC + 0.3V)
Differential Input Magnitude............Lower of (VCC - VEE) and 3V
Continuous Output Current .................................................50mA
Surge Output Current........................................................100mA
VBB Sink/Source Current ...............................................±0.65mA
Continuous Power Dissipation (TA = +70°C)
Single-Layer PC Board
52-Pin TQFP (derate 15.4mW/°C above +70°C).....1230.8mW
68-Lead QFN (derate 27.8mW/°C above +70°C) ...2222.2mW
Multilayer PC Board
52-Pin TQFP (derate 19.1mW/°C above +70°C).....1529.6mW
68-Lead QFN (derate 38.5mW/°C above +70°C) ...3076.9mW
Junction-to-Ambient Thermal Resistance in Still Air
Single-Layer PC Board
52-Pin TQFP...............................................................+65°C/W
68-Lead QFN .............................................................+36°C/W
Multilayer PC Board
52-Pin TQFP............................................................+52.3°C/W
68-Lead QFN .............................................................+26°C/W
Junction-to-Ambient Thermal Resistance with 500 LFPM Airflow
Single-Layer PC Board
52-Pin TQFP...............................................................+50°C/W
68-Lead QFN .............................................................+27°C/W
Multilayer PC Board
52-Pin TQFP...............................................................+40°C/W
68-Lead QFN .............................................................+20°C/W
Junction-to-Case Thermal Resistance
52-Pin TQFP............................................................+12.9°C/W
68-Lead QFN ...............................................................+2°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
ESD Protection
Human Body Model (Q_ _, Q_ _, CLK_SEL,
FSEL_, CLK_, CLK_, MR, VBB) ............................................±2kV
Soldering Temperature (10s) ...........................................+300°C
DC ELECTRICAL CHARACTERISTICS
((VCC - VEE) = 2.375V to 3.8V, outputs loaded with 50
Ω ±1% to VCC - 2V; CLK_SEL, FSEL_ = high or low; MR = low; |VID| = 0.095V to
the lower of (VCC - VEE ) and 3V. Typical values are at (VCC - VEE) = 3.3V, VIHD = VCC - 1V, VILD = VCC - 1.5V.) (Notes 1–4)
-40
°C
+25
°C
+85
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SINGLE-ENDED INPUT (MR, FSEL_, CLK_SEL)
Input High Voltage
VIH1
Figure 1
VCC -
1.155
VCC -
0.88
VCC -
1.155
VCC -
0.88
VCC -
1.155
VCC -
0.88
V
Input Low Voltage
VIL1
Figure 1
VCC -
1.81
VCC -
1.505
VCC -
1.81
VCC -
1.505
VCC -
1.81
VCC -
1.505
V
Input Current
IIN1
MR, FSEL_, CLK_SEL
= VIL or VIH
-15
+150
-15
+150
-15
+150
µA
DIFFERENTIAL INPUT (CLK_, CLK_)
Single-Ended Input
High Voltage
VIH2
Figure 1
VCC -
1.155
VCC -
0.88
VCC -
1.155
VCC -
0.88
VCC -
1.155
VCC -
0.88
V
Single-Ended Input
Low Voltage
VIL2
Figure 1
VCC -
1.81
VCC -
1.505
VCC -
1.81
VCC -
1.505
VCC -
1.81
VCC -
1.505
V
High Voltage of
Differential Input
VIHD
VEE +
1.2
VCC
VEE +
1.2
VCC
VEE +
1.2
VCC
V
Low Voltage of
Differential Input
VILD
VEE
VCC -
0.095
VEE
VCC -
0.095
VEE
VCC -
0.095
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com