| Electronic Components Datasheet Search |
|
AT88SC1003 Datasheet(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT88SC1003 Datasheet(HTML) 13 Page - ATMEL Corporation |
|
13 / 30 page ![]() 13 AT88SC1003 2035B–SMEM–08/03 Memory Access Rules After Personalization – Security Level 2 (1) Notes: 1. Security Mode 2 Conditions: Manufacturer Fuse = “X” EC2EN Fuse = “1” or “0” Issuer Fuse = “0” FUS Pin = “0” 2. SV = “1” after validation of the security code 3. 1st bit of the Application Zone 1 (Bit 176) 4. 2nd bit of the Application Zone 1 (Bit 177) 5. 1st bit of the Application Zone 2 (Bit 480) 6. 2nd bit of the Application Zone 2 (Bit 481) 7. 1st bit of the Application Zone 3 (Bit 1024) 8. 2nd bit of the Application Zone 3 (Bit 1025) 9. E1 = “1” after a valid presentation of EZ1. 10. E2 = “1” after a valid presentation of EZ2. 11. E3 = “1” after a valid presentation of EZ3. Table 7. Access Conditions After Personalization (issuer fuse blown) Zone SV (2) P1 (3) R1 (4) P2 (5) R2 (6) P3 (7) R3 (8) E1 (9) E2 (10) E3 (11) Read Erase Write Compare FZ x x x x x x x x x x yes no no no IZ x x x x x x x x x x yes no no no SC 0 1 x x x x x x x x x x x x x x x x x x no no no yes no yes yes no SCAC 0 1 x x x x x x x x x x x x x x x x x x yes yes no yes yes yes no no CPZ 0 1 x x x x x x x x x x x x x x x x x x yes yes no yes no yes no no AZ1 0 0 1 1 1 1 x x 0 0 1 1 0 1 x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x 0 1 0 1 x x x x x x x x x x x x no yes yes yes yes yes no no no yes no yes no no no no yes yes no no no no no no EZ1 x x x x x x x x x x no no no yes AZ2 0 0 1 1 1 1 x x x x x x x x x x x x x x 0 0 1 1 0 1 x x x x x x x x x x x x x x x x x x x x x x x x 0 1 0 1 x x x x x x no yes yes yes yes yes no no no yes no yes no no no no yes yes no no no no no no EZ2 x x x x x x x x x x no no no yes EC2 x x x x x x x x x x yes no yes no MTZ x x x x x x x x x x yes yes yes no MFZ x x x x x x x x x x yes no no no AZ3 0 0 1 1 1 1 x x x x x x x x x x x x x x x x x x x x x x x x x x 0 0 1 1 0 1 x x x x x x x x x x x x x x x x x x 0 1 0 1 no yes yes yes yes yes no no no yes no yes no no no no yes yes no no no no no no EZ3 x x x x x x x x x x no no no yes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |