Electronic Components Datasheet Search
  English  ▼

X  

AT88SC1003 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT88SC1003
Description  Security Logic with Three Application Zones
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1003 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT88SC1003 Datasheet HTML 17Page - ATMEL Corporation AT88SC1003 Datasheet HTML 18Page - ATMEL Corporation AT88SC1003 Datasheet HTML 19Page - ATMEL Corporation AT88SC1003 Datasheet HTML 20Page - ATMEL Corporation AT88SC1003 Datasheet HTML 21Page - ATMEL Corporation AT88SC1003 Datasheet HTML 22Page - ATMEL Corporation AT88SC1003 Datasheet HTML 23Page - ATMEL Corporation AT88SC1003 Datasheet HTML 24Page - ATMEL Corporation AT88SC1003 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
AT88SC1003
2035B–SMEM–08/03
Figure 5. Inc/Read
Note:
PGM and RST must both be low during a read cycle.
I/O should not be driven (except by the external pullup resistor).
Figure 6. Erase/Write
Note:
During any erase or write operation, PGM must fall before the falling edge of CLK at the
end of t
CHP (recommend a minimum setup time of 1 usec).
After the rising edge of PGM to initiate the erase/write operation, delay at least t
DV (2
usec) before driving data on the I/O contact.
Address
CLK
I/O
t
DV
t
CL
t
CH
t
CLK
t
OH
t
OH
Address
CLK
t
OH
PGM
Output
Input
t
DV
Valid
Valid
tSPR
tHPR
tCHP
tDS
t
DH
An
An
An
An-1
An+1
Drive
"1" (Erase)
or "0" (Write)
I/O
Read
Erase/Write
Read
t
DV
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30