Electronic Components Datasheet Search
  English  ▼

X  

AT88SC1003 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT88SC1003
Description  Security Logic with Three Application Zones
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1003 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT88SC1003 Datasheet HTML 21Page - ATMEL Corporation AT88SC1003 Datasheet HTML 22Page - ATMEL Corporation AT88SC1003 Datasheet HTML 23Page - ATMEL Corporation AT88SC1003 Datasheet HTML 24Page - ATMEL Corporation AT88SC1003 Datasheet HTML 25Page - ATMEL Corporation AT88SC1003 Datasheet HTML 26Page - ATMEL Corporation AT88SC1003 Datasheet HTML 27Page - ATMEL Corporation AT88SC1003 Datasheet HTML 28Page - ATMEL Corporation AT88SC1003 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
25
AT88SC1003
2035B–SMEM–08/03
Figure 11. Erase Operation Application Zone 2 (AZ2) EC2 Function Disabled
Note:
A
n = Internal Address, Dn = Read data (output), CDn = Compare data (input).
This diagram illustrates the protocol for setting the E2 flag in Security Level 2 (issuer fuse blown). Erase operations in Security
Level 1 within Application Zone 2 do not require setting of the E2 flag. In Security Level 1, an erase operation on any bit in Appli-
cation Zone 2 will erase the entire zone. EC2EN Fuse = “0” (disabled).
A = Compare sequence of EZ2. If the comparison is valid, the EZ2 flag is set to “1”, enabling erasure of AZ2.
B = If E2 is set to “1”, an erase operation on Bit 768 will erase Bits 480–735 (AZ2).
C = After the falling edge of CLK, the device will drive the I/O contact to the logic state of the existing data in Bit 768. The state
of this bit is not affected by the AZ2 erase operation.
D = After the falling edge of CLK, the address is incremented and the state of the next bit is driven on the I/O contact.
Address
RST
CLK
PGM
Output
Input
Input
Output
Input
I/O
E2 flag
A
0
A
x
A
2
A
1
A
736
A
735
A
737
A
766
A
767
A
768
Reset
D
0
D
1
CD
736
CD
737
CD
767
D
X
1
Read
(B)
(C)
Output
A
769
Read
(D)
(A)
Compare EZ2
Erase
D
768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com