Electronic Components Datasheet Search
  English  ▼

X  

TCR3UG18A Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TCR3UG18A
Description  Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3UG18A Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TCR3UG18A Datasheet HTML 1Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 2Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 3Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 4Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 5Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 6Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 7Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 8Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TCR3UG series
2022-01-11
© 2018-2022
Toshiba Electronic Devices & Storage Corporation
5
9. Electrical Characteristics
(Unless otherwise specified,
VIN = VOUT+1 V (VOUT>1.5V), VIN=2.5V (VOUT
≤1.5V), IOUT = 50 mA, CIN = COUT = 1 μF)
Characteristics
Symbol
Test Condition
Tj = 25°C
Tj = -40 to 85°C
(Note 9)
Unit
Min
Typ.
Max
Min
Max
Output voltage accuracy
VOUT
IOUT = 50 mA
(Note 4)
VOUT < 1.8 V
-18
―
+18
―
―
mV
1.8
V ≤ VOUT
-1.0
―
+1.0
―
―
%
Input voltage
VIN
IOUT = 1 mA
1.5
―
5.5
1.5
5.5
V
Line regulation
Reg・line
IOUT = 1 mA
(Note 5)
―
1
15
―
―
mV
Load regulation
Reg・load
1 mA
≤ IOUT ≤ 300 mA
(Note 6)
―
10
30
―
―
mV
Quiescent current
IB(ON1)
IOUT = 0 mA, VOUT
≤ 1.5V (Note 7)
―
0.34
―
―
0.58
μA
IB(ON2)
IOUT = 0 mA,
1.75 V
≤ VOUT ≤ 5 V
(Note 7)
―
0.38
―
―
0.68
μA
Stand-by current
IB (OFF1)
VCT = 0 V, VIN = 2.5 V
―
0.03
―
―
0.16
μA
IB (OFF2)
VCT = 0 V, VIN = 5.5 V
―
0.03
―
―
0.20
μA
Control pull down current
ICT
―
―
0.1
―
―
―
μA
Dropout voltage
VDO
IOUT = 300 mA
VOUT = 1.8 V
―
335
―
―
457
mV
VOUT = 3.3 V
―
140
―
―
273
mV
Output noise voltage
VNO
IOUT = 10 mA,
10 Hz
≤ f ≤ 100 kHz, Ta = 25°C
(Note 6)
―
50
―
―
―
μVrms
Ripple rejection ratio
R.R.
IOUT = 10 mA,
f = 1 kHz, VRipple = 200 mVp-p,
Ta = 25°C
(Note 6)
―
70
―
―
―
dB
Load transient response
⊿VOUT
IOUT = 1 mA  50 mA (Note 8)
―
-60
―
―
―
mV
IOUT = 50 mA  1 mA (Note 8)
―
+60
―
―
―
mV
Temperature coefficient
TCVO
−40°C ≤ Topr ≤ 85°C
―
75
―
―
―
ppm/°C
Control voltage (ON)
VCT (ON)
―
1.0
―
5.5
1.0
5.5
V
Control voltage (OFF)
VCT (OFF)
―
0
―
0.4
0
0.4
V
Discharge on resistance
RSD
―
―
10
―
―
―
Ω
Note 4:
stable state with fixed IOUT condition
Note 5:
VOUT
≤ 1.5 V, 2.5 V ≤ VIN ≤ 5.5 V
1.75 V
≤ VOUT ≤ 4.2 V, VOUT + 1 V ≤ VIN ≤ 5.5 V
VOUT = 4.5 V, VOUT = 5.0 V, not applicable
Note 6:
VOUT = 0.8V
Note 7:
except Control pull down current (ICT)
Note 8:
VOUT = 0.8 V, VIN = 3.3 V
Note 9:
This parameter is warranted by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com