Electronic Components Datasheet Search
  English  ▼

X  

TCR3UG18A Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TCR3UG18A
Description  Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3UG18A Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TCR3UG18A Datasheet HTML 3Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 4Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 5Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 6Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 7Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 8Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 9Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 10Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TCR3UG series
2022-01-11
© 2018-2022
Toshiba Electronic Devices & Storage Corporation
7
11. Application Note
11.1. Example of Application Circuit
The figure above shows the Example of configuration for using a Low-Dropout regulator. Insert a capacitor at VOUT and
VIN pins for stable input/output operation. (Ceramic capacitors can be used
).
11.2. Power Dissipation
Board-mounted power dissipation ratings are available in the Absolute Maximum Ratings table.
Power dissipation is measured on the board condition shown below.
[The Board Condition]
Board material: Glass epoxy (FR4)
Board dimension: 40 mm x 40 mm (both sides of board), t = 1.6 mm
Metal pattern ratio: a surface approximately 50 %, the reverse side approximately 50 %
Through hole: diameter 0.5 mm x 24
CONTROL
voltage
VOUT
voltage
HIGH
ON
LOW
OFF
OPEN
OFF
VOUT
GND
VIN
CONTROL
1
μF
1
μF
Ambient temperature Ta (°C)
−40
0
0
40
120
80
200
400
600
800
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com