Electronic Components Datasheet Search
  English  ▼

X  

TCR3UG18A Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TCR3UG18A
Description  Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3UG18A Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TCR3UG18A Datasheet HTML 2Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 3Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 4Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 5Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 6Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 7Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 8Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 9Page - Toshiba Semiconductor TCR3UG18A Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TCR3UG series
2022-01-11
© 2018-2022
Toshiba Electronic Devices & Storage Corporation
6
10. Dropout voltage
(IOUT = 300 mA, CIN = COUT
= 1 μF)
Note 10:
Tj = -40 to 85 °C. This parameter is warranted by design
Output voltages
Symbol
Min
Typ.
Tj = 25°C
Max
(Note 10)
Unit
0.8 V
≤ VOUT < 0.9 V
VDO
―
1025
1257
mV
0.9 V
≤ VOUT < 1.0 V
―
930
1157
1.0 V
≤ VOUT < 1.1 V
―
835
1057
1.1 V
≤ VOUT < 1.2 V
―
740
957
1.2 V
≤ VOUT < 1.3 V
―
660
857
1.3 V
≤ VOUT < 1.5 V
―
580
757
1.5 V
≤ VOUT < 1.6 V
―
450
617
1.6 V
≤ VOUT < 1.8 V
―
400
537
1.8 V
≤ VOUT < 2.0 V
―
335
457
2.0 V
≤ VOUT < 2.5 V
―
260
405
2.5 V
≤ VOUT < 3.0 V
―
185
327
3.0 V
≤ VOUT < 3.6 V
―
140
273
3.6 V
≤ VOUT < 4.5 V
―
130
228
4.5 V
≤ VOUT ≤ 5.0 V
―
120
195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com