Electronic Components Datasheet Search
  English  ▼

X  

A7987TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # A7987TR
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987TR Datasheet(HTML) 1 Page - STMicroelectronics

  A7987TR Datasheet HTML 1Page - STMicroelectronics A7987TR Datasheet HTML 2Page - STMicroelectronics A7987TR Datasheet HTML 3Page - STMicroelectronics A7987TR Datasheet HTML 4Page - STMicroelectronics A7987TR Datasheet HTML 5Page - STMicroelectronics A7987TR Datasheet HTML 6Page - STMicroelectronics A7987TR Datasheet HTML 7Page - STMicroelectronics A7987TR Datasheet HTML 8Page - STMicroelectronics A7987TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Features
•
3 A DC output current
•
4.5 V to 61 V operating input voltage
•
Adjustable fsw (250 kHz to 1.5 MHz)
•
Output voltage adjustable from 0.8 V to VIN
•
Synchronization
•
Adjustable soft-start time
•
Adjustable current limitation
•
VBIAS improves efficiency at light load
•
PGOOD open collector output
•
Digital frequency fold-back in short-circuit
•
Auto-recovery thermal shutdown
•
Qualified following AEC-Q100 requirements
Applications
•
Designed for 24 V automotive battery systems
•
Industrial and commercial vehicles
Description
The A7987 is a step-down monolithic switching regulator that can deliver up to 3 A
DC. The adjustable output voltage ranges from 0.8 V to VIN. The wide input voltage
range and the almost 100% duty cycle capability meet the fail-safe specifications for
automotive systems. The embedded switch-over feature on the VBIAS pin maximizes
efficiency at light load. The adjustable current limitation, designed to select the
inductor RMS current in accordance with the nominal output current, and the high
switching frequency capability make the size of the application compact. Pulse-by-
pulse current sensing with digital frequency fold-back implements an effective
constant current protection over the different application conditions. The peak current
fold-back decreases the stress of the power components in heavy short-circuit
conditions. The PGOOD open collector output can also implement the output voltage
sequencing during the power-up phase. Multiple devices can be synchronized
sharing the SYNCH pin to prevent beating noise for low noise requirements such as
in infotainment applications.
Product status link
A7987
61 V, 3 A asynchronous step-down switching regulator with adjustable current
limitation for automotive
A7987
Datasheet
DS12928 - Rev 3 - September 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - A7987TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A798 ETC1-A798 Datasheet
192Kb / 3P
TRANSISTOR
logo
STMicroelectronics
A7985A STMICROELECTRONICS-A7985A Datasheet
1Mb / 44P
2 A step-down switching regulator for automotive applications
17-Mar-2014
A7985ATR STMICROELECTRONICS-A7985ATR Datasheet
1Mb / 44P
2 A step-down switching regulator for automotive applications
17-Mar-2014
A7986A STMICROELECTRONICS-A7986A Datasheet
1Mb / 42P
3 A step-down switching regulator for automotive applications
12-Aug-2013
A7986ATR STMICROELECTRONICS-A7986ATR Datasheet
1Mb / 42P
3 A step-down switching regulator for automotive applications
12-Aug-2013
More results

Similar Description - A7987TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6902D STMICROELECTRONICS-A6902D Datasheet
221Kb / 12P
Up to 1A step down switching regulator with adjustable current limit for automotive applications
05-Nov-2007
B5973D STMICROELECTRONICS-B5973D Datasheet
781Kb / 12P
2 A step down switching regulator for automotive applications
14-Jan-2008
A6902D STMICROELECTRONICS-A6902D_08 Datasheet
159Kb / 12P
Up to 1 A step down switching regulator with adjustable current limit for automotive applications
02-May-2008
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
3 A step-down switching regulator
29-Aug-2008
A6902D_0808 STMICROELECTRONICS-A6902D_0808 Datasheet
264Kb / 12P
Up to 1 A step down switching regulator with adjustable current limit for automotive applications
28-Aug-2008
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
3 A step-down switching regulator
16-Oct-2012
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
A7986A STMICROELECTRONICS-A7986A Datasheet
1Mb / 42P
3 A step-down switching regulator for automotive applications
12-Aug-2013
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
L7986TR STMICROELECTRONICS-L7986TR Datasheet
1Mb / 43P
3 A step-down switching regulator
05-Sep-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com