Electronic Components Datasheet Search
  English  ▼

X  

A7987TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # A7987TR
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button A7987TR Datasheet HTML 28Page - STMicroelectronics A7987TR Datasheet HTML 29Page - STMicroelectronics A7987TR Datasheet HTML 30Page - STMicroelectronics A7987TR Datasheet HTML 31Page - STMicroelectronics A7987TR Datasheet HTML 32Page - STMicroelectronics A7987TR Datasheet HTML 33Page - STMicroelectronics A7987TR Datasheet HTML 34Page - STMicroelectronics A7987TR Datasheet HTML 35Page - STMicroelectronics A7987TR Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Contents
1
Application schematic .............................................................2
2
Block diagram .....................................................................3
3
Pin settings........................................................................4
3.1
Pin connection ................................................................. 4
3.2
Pin description ................................................................. 4
3.3
Maximum ratings ............................................................... 5
3.4
Thermal data .................................................................. 5
3.5
ESD protection ................................................................ 5
4
Electrical characteristics...........................................................6
5
Functional description .............................................................8
5.1
Oscillator and synchronization.................................................... 8
5.2
Soft-start..................................................................... 10
5.3
Error amplifier and light-load management ........................................ 12
5.4
Low VIN operation............................................................. 12
5.5
Overcurrent protection ......................................................... 12
5.6
Overtemperature protection ..................................................... 14
6
Application information ...........................................................15
6.1
Input capacitor selection........................................................ 15
6.2
Output capacitor selection ...................................................... 15
6.3
Inductor selection ............................................................. 16
6.4
Compensation network......................................................... 16
6.4.1
Type II compensation network.............................................. 18
6.4.2
Type III compensation network ............................................. 19
6.5
Thermal considerations ........................................................ 21
6.6
Layout considerations.......................................................... 22
7
Demonstration board .............................................................23
8
Application ideas .................................................................26
8.1
Positive buck-boost............................................................ 26
8.2
Negative buck-boost ........................................................... 27
A7987
Contents
DS12928 - Rev 3
page 32/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com